Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS248 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS248
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS248 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS248 Datasheet HTML 1Page - SEC Electronics Inc. SS248 Datasheet HTML 2Page - SEC Electronics Inc. SS248 Datasheet HTML 3Page - SEC Electronics Inc. SS248 Datasheet HTML 4Page - SEC Electronics Inc. SS248 Datasheet HTML 5Page - SEC Electronics Inc. SS248 Datasheet HTML 6Page - SEC Electronics Inc. SS248 Datasheet HTML 7Page - SEC Electronics Inc. SS248 Datasheet HTML 8Page - SEC Electronics Inc. SS248 Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SS248
CMOS Omnipolar High Sensitivity Micropower Hall Switch
1
V2.00
May 1, 2012
Features
Micropower consumption for battery powered applications
Omnipolar, output switches with absolute value of North or South pole from magnet
Operation down to 2.5V
High sensitivity for direct reed switch replacement applications
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
General Description
The S248 Omnipolar Hall effect sensor IC is fabricated from
mixed signal CMOS technology .It incorporates advanced
chopper-stabilization techniques to provide accurate and stable
magnetic switch points.
The circuit design provides an internally controlled clocking
mechanism to cycle power to the Hall element and analog
signal processing circuits. This serves to place the high
current-consuming portions of the circuit into a “Sleep” mode.
Periodically the device is “Awakened” by this internal logic
and the magnetic flux from the Hall element is evaluated
against the predefined thresholds. If the flux density is above
or below the Bop/Brp thresholds then the output transistor is
driven to change states accordingly. While in the “Sleep” cycle
the output transistor is latched in its previous state. The design
has been optimized for service in applications requiring
extended operating lifetime in battery powered systems.
The output transistor of the S248 will be latched on (Bop) in
the presence of a sufficiently strong South or North magnetic
field facing the marked side of the package. The output will be
latched off (Brp) in the absence of a magnetic field.
Applications
Solid state switch
Handheld Wireless Handset Awake Switch
Lid close sensor for battery powered devices
Magnet proximity sensor for reed switch replacement in low duty cycle applications


Similar Part No. - SS248

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248ESOT SECELECTRONICS-SS248ESOT Datasheet
255Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS248ESTT SECELECTRONICS-SS248ESTT Datasheet
255Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS248EUA SECELECTRONICS-SS248EUA Datasheet
255Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS248KSOT SECELECTRONICS-SS248KSOT Datasheet
255Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS248KSTT SECELECTRONICS-SS248KSTT Datasheet
255Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS248

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com