Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS443 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS443
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS443 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS443 Datasheet HTML 1Page - SEC Electronics Inc. SS443 Datasheet HTML 2Page - SEC Electronics Inc. SS443 Datasheet HTML 3Page - SEC Electronics Inc. SS443 Datasheet HTML 4Page - SEC Electronics Inc. SS443 Datasheet HTML 5Page - SEC Electronics Inc. SS443 Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS443
Unipolar Hall-Effect Digital Switch
2
V2.00
May 1, 2012
General
Description
The SS443 is a unipolar Hall-effect sensor IC fabricated from
bipolar technology. The device integrates a voltage regulator,
reverse battery protection diode, Hall sensor with dynamic offset
cancellation system, temperature compensation circuitry, small
signal amplifier, Schmitt trigger and an open-collector output to
sink up to 25 mA. With suitable output pull up, they can be used
with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrated circuits with
tighter magnetic specifications, designed to operate continuously
over extended temperatures to +150℃,and are more stable with
both temperature and supply voltage changes. The unipolar
switching characteristic makes these devices ideal for use with a
simple bar or rod magnet.
Thanks to its wide operating voltage range and extended choice
of temperature range, it is quite suitable for use in automotive,
industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT) or in
a Plastic Single In Line (SIP 3L flat). Both 3-lead packages are
RoHS compliant.
Glossary of Terms
MilliTesla (mT),
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com