Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS657 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS657
Description  Unipolar Hall-Effect Digital Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS657 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS657 Datasheet HTML 1Page - SEC Electronics Inc. SS657 Datasheet HTML 2Page - SEC Electronics Inc. SS657 Datasheet HTML 3Page - SEC Electronics Inc. SS657 Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS657
Unipolar Hall-Effect Digital Switch
Pin Definitions and Descriptions
SOT Pin № Name
Status
Description
1
VDD
P
Power Supply
2
OUT
P
IC Ground
3
GND
O
Output
Table 1: Pin definitions and descriptions
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage( operating)
VCC
8.0
V
Output Current
IOUT
20
mA
Operating Temperature Range
TA
-40 to 85
°C
Storage Temperature Range
TS
-65 to 150
°C
Table 2: Absolute maximum ratings
Electrical Characteristics
DC Operating Parameters TA = 25℃, VCC= 5.0V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Voltage
VCC
Operating
3.0
6.5
V
Supply Current
ICC
Average
4.2
8.0
mA
Output Current
IOUT
1.0
1.5
mA
Response Time
Tack
3
µs
Quiescent Output Voltage
VO
B = 0G
2.25
2.5
2.75
V
Sensitivity
VOUT
TA =25°C
1.6
1.8
2.0
mV/G
Min Output Voltage
B = -1500G
0.86
V
Max Output Voltage
B = 1500G
4.21
V
Table 3: Electrical Characteristics
2
V2.10
May 1, 2012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com