Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1101 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS1101
Description  Unipolar Hall Switch-Low Sensitivity
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1101 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS1101 Datasheet HTML 1Page - SEC Electronics Inc. SS1101 Datasheet HTML 2Page - SEC Electronics Inc. SS1101 Datasheet HTML 3Page - SEC Electronics Inc. SS1101 Datasheet HTML 4Page - SEC Electronics Inc. SS1101 Datasheet HTML 5Page - SEC Electronics Inc. SS1101 Datasheet HTML 6Page - SEC Electronics Inc. SS1101 Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SS1101
Unipolar Hall Switch-Low Sensitivity
2
V2.00
May 1, 2012
General
Description
The S1101 is a unipolar Hall-effect sensor IC fabricated
from CMOS technology. The device integrates a voltage
regulator, Hall sensor with dynamic offset cancellation
system, small signal amplifier, Schmitt trigger and an
open-drain output driver. With suitable output pull up, they
can be used with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrated circuits
with tighter magnetic specifications, designed to operate
continuously over extended temperatures to +150℃,and are
more stable with both temperature and supply voltage
changes. The unipolar switching characteristic makes these
devices ideal for use with a simple bar or rod magnet.
Thanks to its wide operating voltage range and extended
choice of temperature range, it is quite suitable for use in
automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT)
or in a Plastic Single In Line (SIP 3L flat). Both 3-lead
packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT),
Gauss Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com