Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1302EUA Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS1302EUA
Description  Linear Hall Effect Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS1302EUA Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS1302EUA Datasheet HTML 1Page - SEC Electronics Inc. SS1302EUA Datasheet HTML 2Page - SEC Electronics Inc. SS1302EUA Datasheet HTML 3Page - SEC Electronics Inc. SS1302EUA Datasheet HTML 4Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS1302
Linear Hall Effect Sensor
Electrical Characteristics(TA =25℃,VCC =5.0V)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating voltage
VCC
Operating
3.0
6.5
V
Supply current
ICC
Average
4.2
8.0
mA
Output Current
IOUT
1.0
1.5
mA
Response Time
Tack
3
uS
Quiescent Output Voltage
Vo
B=0G
2.25
2.5
2.75
V
Sensitivity
△Vout
TA=25℃
1.6
1.8
2.0
mV/G
Min Output Voltage
B=-1500G
0.86
V
Max Output Voltage
B=1500G
4.21
V
Performance Characteristics
输出电压与磁场强度曲线
静态输出电压与工作电压关系曲线
V2.00
May 1, 2012
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com