Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3141LSOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS3141LSOT
Description  Unipolar Hall-Effect Digital Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS3141LSOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS3141LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS3141LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS3141LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS3141LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS3141LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS3141LSOT Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SS3141
Unipolar Hall-Effect Digital Switch
1
V2.00
May 1, 2012
Features and Benefits
Application Examples
Automotive, Consumer and Industrial
–
4.5V to 24V Operation
Solid-state switch
Brushless DC motor commutation
–
-40℃ to 150℃ Superior temperature operation
–
Bipolar technology
Speed detection
–
Open-collector 25 mA output
Linear position detection
Angular position detection
–
Reverse battery protection
–
Small Size-SOT23 3L or SIP 3L
Proximity detection
–
Solid-state reliability
–
Resistant to physical stress
 
–
Activate with small, commercially available
Permanent magnets
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
VDD
OUT
Voltage
Regulatr
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND
 
 


Similar Part No. - SS3141LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS3141LSOT SECELECTRONICS-SS3141LSOT Datasheet
217Kb / 6P
Unipolar Hall-Effect Digital Switch
More results

Similar Description - SS3141LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
SS189 SECELECTRONICS-SS189 Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com