Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4913LSOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS4913LSOT
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS4913LSOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS4913LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS4913LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS4913LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS4913LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS4913LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS4913LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS4913LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS4913LSOT Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SS4913
CMOS Omnipolar High Sensitivity Micropower Hall Switch
1
V2.00
Mayr 1, 2012
Features
Micropower consumption for battery powered applications
Omnipolar, output switches with absolute value of North or South pole from magnet
Operation down to 2.5V
High sensitivity for direct reed switch replacement applications
3 pin SOT23 (suffix SO)
General Description:
The SS4913 Omnipolar Hall effect sensor IC is fabricated
from mixed signal CMOS technology .It incorporates
advanced chopper-stabilization techniques to provide accurate
and stable magnetic switch points.
The circuit design provides an internally controlled clocking
mechanism to cycle power to the Hall element and analog
signal processing circuits. This serves to place the high
current-consuming portions of the circuit into a “Sleep” mode.
Periodically the device is “Awakened” by this internal logic
and the magnetic flux from the Hall element is evaluated
against the predefined thresholds. If the flux density is above
or below the Bop/Brp thresholds then the output transistor is
driven to change states accordingly. While in the “Sleep” cycle
the output transistor is latched in its previous state. The design
has been optimized for service in applications requiring
extended operating lifetime in battery powered systems.
The output transistor of the SS4913 will be latched on (Bop) in
the presence of a sufficiently strong South or North magnetic
field facing the marked side of the package. The output will be
latched off (Brp) in the absence of a magnetic field.
Applications
Solid state switch
Handheld Wireless Handset Awake Switch
Lid close sensor for battery powered devices
Magnet proximity sensor for reed switch replacement in low duty cycle applications


Similar Part No. - SS4913LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS4913LSOT SECELECTRONICS-SS4913LSOT Datasheet
310Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results

Similar Description - SS4913LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com