Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5682 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS5682
Description  Unipolar Hall Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS5682 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS5682 Datasheet HTML 1Page - SEC Electronics Inc. SS5682 Datasheet HTML 2Page - SEC Electronics Inc. SS5682 Datasheet HTML 3Page - SEC Electronics Inc. SS5682 Datasheet HTML 4Page - SEC Electronics Inc. SS5682 Datasheet HTML 5Page - SEC Electronics Inc. SS5682 Datasheet HTML 6Page - SEC Electronics Inc. SS5682 Datasheet HTML 7Page - SEC Electronics Inc. SS5682 Datasheet HTML 8Page - SEC Electronics Inc. SS5682 Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SS5682
Unipolar Hall Switch
3
V2.00 May 1, 2012
Pins Definition and Description
SOT Pin №
SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Unique Features
Based on mixed signal CMOS technology, SS5682 is a Hall-effect device with high magnetic sensitivity. This
multi-purpose latch meets most of the application requirements.
The chopper-stabilized amplifier uses switched capacitor technique to suppress the offset generally observed with Hall
sensors and amplifiers. The CMOS technology makes this advanced technique possible and contributes to smaller chip
size and lower current consumption than bipolar technology. The small chip size is also an important factor to minimize
the effect of physical stress. This combination results in more stable magnetic characteristics and enables faster and more
precise design.
The wide operating voltage from 2.5V to 24V, low current consumption and large choice of operating temperature range
according to “L”, “K”and “E” specifications make this device suitable for automotive, industrial and consumer
applications.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-50 to 150
°C
Maximum Junction Temperature
TJ
165
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com