Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5782ESOT Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS5782ESOT
Description  Unipolar Hall Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS5782ESOT Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS5782ESOT Datasheet HTML 1Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 2Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 3Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 4Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 5Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 6Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 7Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 8Page - SEC Electronics Inc. SS5782ESOT Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SS5782
Unipolar Hall Switch
5
V2.00 May 1, 2012
Output Behaviour versus Magnetic Pole
DC Operating Parameters TA = -40 C to 150 C, VDD = 2.5V to 24V (unless otherwise specified)
Parameter
Test Conditions
Out
North pole (TO)
B> BOP
Low
South pole (SOT)
B> BOP
Low
Null or weak magnetic field
B= 0 or B < BRP
High
Table : Output behaviour versus magnetic pole
Application Information
It is strongly recommended that an external bypass capacitor be connected (in close proximity to the Hall
sensor) between the supply(VDD Pin) and ground(GND Pin) of the device to reduce both external noise and
noise generated by the chopper stabilization technique. As is shown in the two figures in next page, a 0.1μF
capacitor is typical.
For reverse voltage protection, it is recommended to connect a resistor or a diode in series with the VDD
pin. When using a resistor, three points are important:
- the resistor has to limit the reverse current to 50mA maximum (VCC / R1 ≤ 50mA)
- the resulting device supply voltage VDD has to be higher than VDD min (VDD = VCC – R1*IDD)
- the resistor has to withstand the power dissipated in reverse voltage condition (PD = VCC
2/R1)
When using a diode, a reverse current cannot flow and the voltage drop is almost constant (≈0.7V).
Therefore, a 100Ω/0.25W resistor for 5V application and a diode for higher supply voltage are
recommended. Both solutions provide the required reverse voltage protection.
When a weak power supply is used or when the device is intended to be used in noisy environment, it
is recommended that figure 13.3 from the Application Information section is used.
The low-pass filter formed by R1 and C1 and the Zener diode Z1 bypass the disturbances or voltage spikes
occurring on the device supply voltage VDD. The diode D1 provides additional reverse voltage protection.
Automotive and Severe
Environment Protection Circuit
Typical Three-Wire Application Circuit
SS5782
R2
C2
VDD
GND
OUT
C1
SS5782
R1:100
VDD
R2
C1
D1
OUT
Z1
C2
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com