Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS5782KUA Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS5782KUA
Description  Unipolar Hall Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS5782KUA Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS5782KUA Datasheet HTML 1Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 2Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 3Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 4Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 5Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 6Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 7Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 8Page - SEC Electronics Inc. SS5782KUA Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SS5782
Unipolar Hall Switch
4
V2.00 May 1, 2012
 
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to 125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated
conditions for extended periods may affect device reliability.
General Electrical Specifications
DC Operating Parameters TA = 25℃, VDD= 2.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
2.2
24
V
Supply Current
IDD
B < BRP
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
1
10
µA
Output Rise Time
tr
RL = 1kΩ, CL = 20pF
0.25
µs
Output Fall Time
tf
RL = 1kΩ, CL = 20pF
0.25
µs
Maximum Switching Frequency
FSW
---
10
KHz
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Note: The output of SS5782 will be switched after the supply voltage is over 2.2V, but the magnetic characteristics won't be normal
until the supply is over 2.5V.
Magnetic Specifications
DC Operating Parameters VDD = 2.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
-150
-120
-90
G
Release Point
BRP
-120
-80
-40
G
Hysteresis
BHYS
E spec., TA = 85°C
30
40
50
G
Operating Point
BOP
-160
-120
-85
G
Release Point
BRP
-130
-80
-35
G
Hysteresis
BHYS
K spec., TA = 125°C
30
40
50
G
Operating Point
BOP
-170
-120
-80
G
Release Point
BRP
-140
-80
-30
G
Hysteresis
BHYS
L spec., TA = 150°C
30
40
50
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com