Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS40ALUA Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS40ALUA
Description  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS40ALUA Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS40ALUA Datasheet HTML 1Page - SEC Electronics Inc. SS40ALUA Datasheet HTML 2Page - SEC Electronics Inc. SS40ALUA Datasheet HTML 3Page - SEC Electronics Inc. SS40ALUA Datasheet HTML 4Page - SEC Electronics Inc. SS40ALUA Datasheet HTML 5Page - SEC Electronics Inc. SS40ALUA Datasheet HTML 6Page - SEC Electronics Inc. SS40ALUA Datasheet HTML 7Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SS40A
CMOS Omnipolar High Sensitivity Micropower Hall Switch
Packages
Features and Benefits
1.
Operation down to 2.5V
2.
Wide operating voltage range
3.
High sensitivity for direct reed switch replacement
applications
4.
Omnipolar, output switches with absolute
5.
value of North or South pole from magnet
6.
Temperature compensation
7.
Open-Collector pre-driver
8.
60V maximum withstand voltage
9.
Reverse polarity protection
 
3 pin SIP (suffix UA)
10.
Package: TO-92S(SIP)
Functional Block Diagram
Application Examples
1.
Brush-less DC Motor
2.
Brush-less DC Fan
3.
Revolution counting
4.
Speed measurement
 
General Description:
The SS40A Omnipolar Hall effect sensor IC is fabricated from mixed signal CMOS technology. It incorporates
advanced chopper-stabilization techniques to provide accurate and stable magnetic switch points.
The circuit design provides an internally controlled clocking mechanism to cycle power to the Hall element and
analog signal processing circuits. This serves to place the high current-consuming portions of the circuit into a
“Sleep” mode. Periodically the device is “Awakened” by this internal logic and the magnetic flux from the Hall
element is evaluated against the predefined thresholds. If the flux density is above or below the BOP/BRP thresholds
then the output transistor is driven to change states accordingly. While in the “Sleep” cycle the output transistor is
latched in its previous state. The design has been optimized for service in applications requiring extended operating
lifetime in battery powered systems. An internal bandgap regulator is used to provide temperature compensated supply
voltage for internal circuits and allows a wide operating supply range.
The output transistor of the SS40A will be latched on (BOP) in the presence of a sufficiently strong South or North
magnetic field facing the marked side of the package. The output will be latched off (BRP) in the absence of a
magnetic field.
1
V1.10
May 1, 2011


Similar Part No. - SS40ALUA

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS40A HONEYWELL-SS40A Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
SS40A HONEYWELL-SS40A Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
SS40A-F HONEYWELL-SS40A-F Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
SS40A-T2 HONEYWELL-SS40A-T2 Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
SS40A-T3 HONEYWELL-SS40A-T3 Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
More results

Similar Description - SS40ALUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS4913 SECELECTRONICS-SS4913 Datasheet
225Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS256 SECELECTRONICS-SS256 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS259 SECELECTRONICS-SS259 Datasheet
256Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413-A SECELECTRONICS-SS3413-A Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com