Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS189EUA Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS189EUA
Description  Unipolar Hall-Effect Digital Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS189EUA Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS189EUA Datasheet HTML 1Page - SEC Electronics Inc. SS189EUA Datasheet HTML 2Page - SEC Electronics Inc. SS189EUA Datasheet HTML 3Page - SEC Electronics Inc. SS189EUA Datasheet HTML 4Page - SEC Electronics Inc. SS189EUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS189
Unipolar Hall-Effect Digital Switch
Packages
Features and Benefits
–
4.5V to 24V Operation
–
-40℃ to 150℃ Superior temperature operation
–
Bipolar technology
–
Open-collector 25 mA output
–
Reverse battery protection
–
Small Size-SOT23 3L or SIP 3L
–
Solid-state reliability
–
Resistant to physical stress
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
–
Activate with small, commercially available
Permanent magnets
 
Functional Block Diagram
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed detection
–
Angular position detection
–
Linear position detection
–
Proximity detection
 
General Description
The SS189 is a unipolar Hall-effect sensor IC fabricated
from bipolar technology. The device integrates a voltage
regulator, reverse battery protection diode, Hall sensor
with dynamic offset cancellation system, temperature
compensation circuitry, small signal amplifier, Schmitt
trigger and an open-collector output to sink up to 25 mA.
With suitable output pull up, they can be used with bipolar
or CMOS logic circuits.
These Hall-effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to operate
continuously over extended temperatures to +150 ,
℃
and are more stable with both temperature and supply voltage
changes. The unipolar switching characteristic makes these devices ideal for use with a simple bar or rod magnet.
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in
automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT) or in a Plastic Single In Line ( SIP 3L flat). Both 3-lead
packages are RoHS compliant.
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND
 
 
 
1
V2.10
May 1, 2012


Similar Part No. - SS189EUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS189EUA SECELECTRONICS-SS189EUA Datasheet
210Kb / 5P
Unipolar Hall-Effect Digital Switch
More results

Similar Description - SS189EUA

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS443 SECELECTRONICS-SS443 Datasheet
182Kb / 6P
Unipolar Hall-Effect Digital Switch
SS1103 SECELECTRONICS-SS1103 Datasheet
163Kb / 5P
Unipolar Hall-Effect Digital Switch
SS3144 SECELECTRONICS-SS3144 Datasheet
183Kb / 6P
Unipolar Hall-Effect Digital Switch
SS118 SECELECTRONICS-SS118_13 Datasheet
182Kb / 5P
Unipolar Hall-Effect Digital Switch
SS119 SECELECTRONICS-SS119_13 Datasheet
204Kb / 6P
Unipolar Hall-Effect Digital Switch
SS133 SECELECTRONICS-SS133_14 Datasheet
234Kb / 6P
Unipolar Hall-Effect Digital Switch
S3144 SECELECTRONICS-S3144_13 Datasheet
235Kb / 6P
Unipolar Hall-Effect Digital Switch
SS118_1311 SECELECTRONICS-SS118_1311 Datasheet
178Kb / 5P
Unipolar Hall-Effect Digital Switch
SS441_1311 SECELECTRONICS-SS441_1311 Datasheet
181Kb / 6P
Unipolar Hall-Effect Digital Switch
SS657_1311 SECELECTRONICS-SS657_1311 Datasheet
200Kb / 6P
Unipolar Hall-Effect Digital Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com