Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS159LSOT Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS159LSOT
Description  Unipolar Hall Switch-Low Sensitivity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS159LSOT Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS159LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS159LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS159LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS159LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS159LSOT Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS159
Unipolar Hall Switch-Low Sensitivity
Packages
Features and Benefits
–
3.5V to 24V Operation
–
-40℃ to 150℃ Superior temperature operation
–
CMOS technology
–
Low current consumption
–
Chopper-stabilized amplifier stage
–
Open drain output
–
Low sensitivity
–
Small Size-SOT23 3L or SIP 3L
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
both RoHS compliant packages 
 
Functional Block Diagram
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed detection
–
Angular position detection
–
Proximity detection
–
Current detector
 
General Description
The SS159 is a unipolar Hall-effect sensor IC fabricated
from CMOS technology. The device integrates a voltage
regulator, Hall sensor with dynamic offset cancellation
system, small signal amplifier, Schmitt trigger and an
open-drain output driver. With suitable output pull up,
they can be used with bipolar or CMOS logic circuits.
These Hall-effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to operate
continuously over extended temperatures to +150 ,
℃
and are more stable with both temperature and supply voltage
changes. The unipolar switching characteristic makes these devices ideal for use with a simple bar or rod magnet.
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in
automotive, industrial and consumer applications.
The device is delivered in a Small Outline Transistor (SOT) and in a Plastic Single In Line ( SIP 3L flat). Both 3-lead
packages are RoHS compliant.
VDD
OUT
Voltage
Regulator
Chopper
Hall
Plate
GND
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND
 
1
V2.10
May 1, 2012


Similar Part No. - SS159LSOT

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS159LSOT SECELECTRONICS-SS159LSOT Datasheet
207Kb / 6P
Unipolar Hall Switch-Low Sensitivity
More results

Similar Description - SS159LSOT

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US5881 MELEXIS-US5881 Datasheet
444Kb / 11P
Unipolar Hall Switch - Low Sensitivity
logo
SEC Electronics Inc.
SS5681 SECELECTRONICS-SS5681 Datasheet
199Kb / 7P
Unipolar Hall Switch-Low Sensitivity
S5881-AA SECELECTRONICS-S5881-AA Datasheet
353Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS139 SECELECTRONICS-SS139 Datasheet
223Kb / 5P
Unipolar Hall Switch-Low Sensitivity
SS1101-A SECELECTRONICS-SS1101-A_13 Datasheet
247Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1102 SECELECTRONICS-SS1102_13 Datasheet
276Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS1104 SECELECTRONICS-SS1104_13 Datasheet
257Kb / 7P
Unipolar Hall Switch-Low Sensitivity
SS159_1311 SECELECTRONICS-SS159_1311 Datasheet
207Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS1348 SECELECTRONICS-SS1348 Datasheet
224Kb / 6P
Unipolar Hall Switch-Low Sensitivity
SS5881_1311 SECELECTRONICS-SS5881_1311 Datasheet
245Kb / 7P
Unipolar Hall Switch-Low Sensitivity
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com