Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS159LUA Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS159LUA
Description  Unipolar Hall Switch-Low Sensitivity
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS159LUA Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS159LUA Datasheet HTML 1Page - SEC Electronics Inc. SS159LUA Datasheet HTML 2Page - SEC Electronics Inc. SS159LUA Datasheet HTML 3Page - SEC Electronics Inc. SS159LUA Datasheet HTML 4Page - SEC Electronics Inc. SS159LUA Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS159
Unipolar Hall Switch-Low Sensitivity
General Electrical Specifications
DC Operating Parameters TA = 25 , V
℃
DD= 3.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
3.5
24
V
Supply Current
IDD
B < BRP
1.5
2.5
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.4
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
0.01
10
µA
Output Rise Time
tr
RL = 1kΩ, CL = 20pF
0.25
µs
Output Fall Time
tf
RL = 1kΩ, CL = 20pF
0.25
µs
Table 3: Electrical Specifications
 
Magnetic Specifications
DC Operating Parameters VDD = 3.5V to 24V (unless otherwise specified)
SS159
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
100
125
150
G
Release Point
BRP
60
85
110
G
Hysteresis
BHYST
Ta=25 ,V
℃
DD=12V DC
40
G
Table 4: Magnetic Specifications
 
Application Information
Typical Three-Wire Application Circuit
Automotive and Harsh, Noisy Environments Three-Wire Circuit
3
V2.10
May 1, 2012



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com