Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F017 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT66F017
Description  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F017 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT66F017 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F017 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 116 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VLVD1
LVD Voltage Level
¾
LVDEN=1, VLVD=2.0V
-5%
2.00
+5%
V
VLVD2
LVDEN=1, VLVD=2.2V
-5%
2.20
+5%
V
VLVD3
LVDEN=1, VLVD=2.4V
-5%
2.40
+5%
V
VLVD4
LVDEN=1, VLVD=2.7V
-5%
2.70
+5%
V
VLVD5
LVDEN=1, VLVD=3.0V
-5%
3.00
+5%
V
VLVD6
LVDEN=1, VLVD=3.3V
-5%
3.30
+5%
V
VLVD7
LVDEN=1, VLVD=3.6V
-5%
3.60
+5%
V
VLVD8
LVDEN=1, VLVD=4.0V
-5%
4.00
+5%
V
ILVD1
Additional Power Consumption
if LVR and LVD is Used
¾
LVR disable, LVDEN=1
¾
75
120
mA
ILVD2
LVR enable, LVDEN=1
¾
90
150
mA
VOL
Output Low Voltage I/O Port
3V
IOL=9mA
¾¾
0.3
V
5V
IOL=20mA
¾¾
0.5
V
VOH
Output High Voltage I/O Port
3V
IOH=
-3.2mA
2.7
¾¾
V
5V
IOH=
-7.4mA
4.5
¾¾
V
RPH
Pull-high Resistance for I/O
Ports
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
V125
1.25V Reference with Buffer
Voltage
¾¾
-3%
1.25
+3%
V
I125
Additional Power Consumption
if 1.25V Reference with Buffer is
used
¾¾
¾
200
300
mA
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
13
May 14, 2012
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com