Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS559 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS559
Description  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS559 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS559 Datasheet HTML 1Page - SEC Electronics Inc. SS559 Datasheet HTML 2Page - SEC Electronics Inc. SS559 Datasheet HTML 3Page - SEC Electronics Inc. SS559 Datasheet HTML 4Page - SEC Electronics Inc. SS559 Datasheet HTML 5Page - SEC Electronics Inc. SS559 Datasheet HTML 6Page - SEC Electronics Inc. SS559 Datasheet HTML 7Page - SEC Electronics Inc. SS559 Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SS559
Hall Latch - High Sensitivity
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-50 to 150
°C
Maximum Junction Temperature
TJ
165
°C
Table 2: Absolute maximum ratings
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to 125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
General Electrical Specifications
DC Operating Parameters TA = 25℃, VDD= 2.5V to 24V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
2.2
24
V
Supply Current
IDD
B < BRP
5
mA
Output Saturation Voltage
VDSon
IOUT = 20mA, B > BOP
0.5
V
Output Leakage Current
IOFF
B < BRP VOUT = 24V
1
10
µA
Output Rise Time
tr
RL = 1kΩ, CL = 20pF
0.25
µs
Output Fall Time
tf
RL = 1kΩ, CL = 20pF
0.25
µs
Maximum Switching Frequency FSW
---
10
KHz
Package Thermal Resistance
RTH
Single layer (1S) Jedec board
301
°C/W
Table 3: Electrical Specifications
Note: The output of SS559 will be switched after the supply voltage is over 2.2V, but the magnetic
characteristics won't be normal until the supply is over 2.5V.
Output Behaviour versus Magnetic Pole
DC Operating Parameters TA = -40℃ to 150℃, VDD = 2.5V to 24V (unless otherwise specified)
Parameter
Test Conditions (SE)
OUT (SE)
Test Conditions (UA)
OUT (UA)
South pole
B < BRP
High
B > BOP
Low
North pole
B > BOP
Low
B < BRP
High
Table 4:Output behaviour versus magnetic pole
 
3
V2.10
May 1, 2012



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com