Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS559EUA Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS559EUA
Description  Hall Latch - High Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS559EUA Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS559EUA Datasheet HTML 1Page - SEC Electronics Inc. SS559EUA Datasheet HTML 2Page - SEC Electronics Inc. SS559EUA Datasheet HTML 3Page - SEC Electronics Inc. SS559EUA Datasheet HTML 4Page - SEC Electronics Inc. SS559EUA Datasheet HTML 5Page - SEC Electronics Inc. SS559EUA Datasheet HTML 6Page - SEC Electronics Inc. SS559EUA Datasheet HTML 7Page - SEC Electronics Inc. SS559EUA Datasheet HTML 8Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SS559
Hall Latch - High Sensitivity
Magnetic Specifications
DC Operating Parameters VDD = 2.5V to 24V (unless otherwise specified)
SS559
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
15
30
45
G
Release Point
BRP
-45
-30
-15
G
Hysteresis
BHYST
E spec., TA = 85°C
60
G
Operating Point
BOP
15
30
50
G
Release Point
BRP
-50
-30
-15
G
Hysteresis
BHYST
K spec., TA = 125°C
60
G
Operating Point
BOP
10
30
55
G
Release Point
BRP
-55
-30
-10
G
Hysteresis
BHYST
L spec., TA = 150°C
60
G
Table 4: Magnetic Specifications
Detailed General Description
The SS559 exhibits latch magnetic switching characteristics. Therefore, it requires both south and north poles to
operate properly.
The OUT pin of these devices switches low (turns on) when a magnetic field perpendicular to the Hall sensor exceeds
the operate point threshold, BOP. After turn-on, the output voltage is VDSon. Note that the device latches, that is, a south
pole of sufficient strength towards the branded surface of the device turns the device on. The device remains on if the
south pole is removed (B→0). This latching property defines the device as a magnetic memory.
When the magnetic field is reduced below the release point, BRP, the OUT pin turns off (goes high). The difference in
the magnetic operating and release points is the hysteresis, BHYST, of the device. This built-in hysteresis prevents
output oscillation near the switching point, and allows clean switching of the output even in the presence of external
mechanical vibration and electrical noise.
The device behaves as a latch with symmetric operating and release switching points (BOP=|BRP|). This means
magnetic fields with equivalent strength and opposite direction drive the output high and low.
Powering-on the device in the hysteresis region (less than BOP and higher than BRP) allows an indeterminate output
state. The correct state is attained after the first excursion beyond BOP or BRP.
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be latched on in the presence
of a sufficiently strong North pole magnetic field applied to the marked face.
Output level
Output level
4
V2.10
May 1, 2012
0mT
0mT
OUT = High
OUT = High
Flux density
B OP
30Gs typ
OUT = Low
OUT = Low
UA package - Latch characteristic
B OP
30Gs typ
B RP
-30Gs typ
B RP
-30Gs typ
Flux density
SE package - Latch characteristic
 
HYS
B
B HYS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com