Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS732EUA Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS732EUA
Description  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS732EUA Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS732EUA Datasheet HTML 1Page - SEC Electronics Inc. SS732EUA Datasheet HTML 2Page - SEC Electronics Inc. SS732EUA Datasheet HTML 3Page - SEC Electronics Inc. SS732EUA Datasheet HTML 4Page - SEC Electronics Inc. SS732EUA Datasheet HTML 5Page - SEC Electronics Inc. SS732EUA Datasheet HTML 6Page - SEC Electronics Inc. SS732EUA Datasheet HTML 7Page - SEC Electronics Inc. SS732EUA Datasheet HTML 8Page - SEC Electronics Inc. SS732EUA Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
  
                                                         
4
V2.00
May.1, 2012
    
U que Features
technology, S732 is a Hall-effect device with high magnetic sensitivity. This multi-purpose latch meets
ments.
Th
am
anced technique possible and contributes to smaller chip size and lower current
con
ip size is also an important factor to minimize the effect of physical stress. This
co
Th
“L
Abs
rameter
Symbol
Value
Units
ni
Based on mixed signal CMOS
most of the application require
e chopper-stabilized amplifier uses switched capacitor technique to suppress the offset generally observed with Hall sensors and
plifiers. The CMOS technology makes this adv
sumption than bipolar technology. The small ch
mbination results in more stable magnetic characteristics and enables faster and more precise design.
e wide operating voltage from 2.5V to 24V, low current consumption and large choice of operating temperature range according to
”, “K” and “E” specification make this device suitable for automotive, industrial and consumer applications.
olute Maximum Ratings
Pa
Supply Voltage
VDD
28
V
Supply Current
IDD
50
mA
Out
VOUT
put Voltage
28
V
Out
IOUT
put Current
50
mA
Sto
ange
TS
150
rage Temperature R
-50 to
°C
Maximum Junction Temperature
TJ
165
°C
Absolute maximum ratings
Oper
e Range
Symbol
ue
Units
ating Temperatur
Val
Tem
TA
o 85
perature Suffix “ E”
-40 t
°C
Tem
TA
o 125
perature Suffix “ K”
-40 t
°C
Temperature Suffix “ L”
TA
-40 to 150
°C
Exc
ay cause perma
age. Expo
solute
rated conditions for
extend
ity.
eeding the absolute maximum ratings m
ed periods may affect device reliabil
nent dam
sure to ab
-maximum-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com