Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS632LSOT Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS632LSOT
Description  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS632LSOT Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS632LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 8Page - SEC Electronics Inc. SS632LSOT Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
   
                      
        
V2.00
May.1
                   
       
 
5
, 2012
G
eral Electrical Specifications
DC
less otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
en
Operating Parameters TA = 25℃, VDD= 2.5V to 24V (un
Sup
24
V
ply Voltage
VDD
Operating
2.2
Sup
IDD
ply Current
B < BRP
5
mA
Out
e
VDSon
= 20mA,
0
V
put Saturation Voltag
IOUT
B > BOP
.5
Out
IOFF
RP VOU
1
10
µA
put Leakage Current
B < B
T = 24V
Output R
Tr
Ω, CL
0.25
µs
ise Time
RL = 1k
= 20pF
Output Fall Time
Tf
RL = 1kΩ, CL = 20pF
0.25
µs
Inte
Rpu
9
12
15
rnal pull-up resistor
---
kΩ
Ma
ency
FSW
10
ximum Switching Frequ
---
KHz
Pac
nce
RTH
le layer (1
301
kage Thermal Resista
Sing
S) Jedec board
°C/W
Ele
Note: The output of S732 will be switched after the supply voltage is over 2.2V, but the magnetic characteristics won't be normal until
the s
M
DC
Pa
Symbol
Test Conditions
Min
Typ
Max
Units
ctrical specifications
upply is over 2.5V.
agnetic Specifications
Operating Parameters VDD = 2.5V to 24V (unless otherwise specified)
rameter
O
ating Point
BOP
10
18
30
G
per
R
-30
-18
-10
G
elease Point
BRP
Hy
HYS
E spec., TA = 85°C
steresis
B
36
G
Pa
Typ
Max
Units
rameter
Symbol
Test Conditions
Min
Op
BOP
18
erating Point
7
35
G
Rel
BRP
-35
-18
ease Point
-7
G
Hys
BHYS
K
, TA 85°C
teresis
spec.
=
36
G
Operating Point
BOP
5
18
40
G
Relea
BRP
-40
-18
-5
G
se Point
Hys
BHYS
ec., TA = 150°C
36
teresis
L sp
G
Mag
s
Ou
versus Magnetic Pole
netic specification
tput Behaviour
批注 [PKU1]: 这个不对,从图
上看滞后工作区应位于操作
点和释放点之间,建议删了
为它取决于那两个
点,
还要加 K 系列的值,
只
算了 
批
KU2]: 这个不对,从图
上
后工作区应位于操作
点和
点之间,建议删了
为它取决于那两个
点,同时还要加 K 系列的值,
只
算了 
这项,因
同时
能估
注 [P
看滞
释放
这项,因
能估



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com