Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG-LM302 Datasheet(PDF) 21 Page - alpha microelectronics gmbh

Part # AMG-LM302
Description  Ballast Controller for Metal Halide Lamps
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA-MICRO [alpha microelectronics gmbh]
Direct Link  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-LM302 Datasheet(HTML) 21 Page - alpha microelectronics gmbh

Back Button AMG-LM302 Datasheet HTML 15Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 16Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 17Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 18Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 19Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 20Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 21Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 22Page - alpha microelectronics gmbh AMG-LM302 Datasheet HTML 23Page - alpha microelectronics gmbh  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AMG-LM302
Ballast Controller for Metal Halide Lamps
11.4. Application Notes
AMG-AN-LM302
12. IC-Package
TQFP48 (7*7, 48L)
S
y
m
b
o
l
MS-026
N
o
t
e
s
ABC
Square
MIN
NOM
MAX
A
1.00
1.10
1.20
A1
0.05
0.10
0.15
A2
0.95
1.00
1.05
D
9.00 BSC
D1
7.00 BSC
E
9.00 BSC
E1
7.00 BSC
N
48
e
0.50 BSC
b
0.17
0.22
0.27
b1
0.17
0.20
0.23
Tolerance of form and position
ccc
0.08
ddd
0.08
13. IC-Marking
LM302
ɑ
4 digits date code = 2 digits year + 2 digits work week
8 digits lot number = 2 digits fab process + 4 digits lot number + 1 digit sub lot
AMG-LM302
Revision: A
29. Jul. 2010
© All rights reserved
Page 21 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com