Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB206A Datasheet(PDF) 21 Page - Summit Microelectronics, Inc.

Part # SMB206A
Description  Dual Programmable Buck Regulators with Integrated MOSFETs and Digital Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB206A Datasheet(HTML) 21 Page - Summit Microelectronics, Inc.

Back Button SMB206A Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 22Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 23Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 24Page - Summit Microelectronics, Inc. SMB206A Datasheet HTML 25Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SMB206A/7A/8A
Preliminary
SUMMIT Microelectronics, Inc.
2147 2.4 2/23/2012
21
APPLICATIONS INFORMATION
Figure 18: SMB207A Detailed Schematic
SMB207A BILL OF MATERIALS
Item#
Quantity
Description
Ref Des
Manufacturer
Manufacturer P/N
1
1
10UF 25V CERAMIC X5R 1206
C1
Panasonic
ECJ-3YB1E106K
2
1
CAP CER 4.7UF 6.3V X5R 0402
C3
Panasonic
ECJ-0EB0J475M
3
2
0.1uF 16V 10% X7R 0402
C4, C8
EPCOS Inc
B37921C9104K60
4
2
CAP CER 22UF 10V X5R 0805
C5, C9
Panasonic
ECJ-2FB1A226M
5
2
Schottky diode, 3 pin, common anode
D1, D2
Diode Inc
SBR1U40LP-7
6
2
4.7uH Inductor 1.3A 20% 1210 SMD
L1, L2
Taiyo Yuden
BRL3225T4R7M
7
2
RES 681K OHM 1/16W 1% 0402
R1, R2
Any
8
1
RES 47K OHM 1/16W 5% 0402
R3
Any
9
1
DC-DC Controller
U1
Summit Micro
SMB207A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com