Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB117 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMB117
Description  High-power, Four-channel Programmable DC-DC System Power Managers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB117 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMB117 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMB117 Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
SMB113A/B/SMB117/A
Preliminary Information
Summit Microelectronics, Inc
2111 2.6 9/16/2010
18
APPLICATIONS INFORMATION
High Voltage Operation:
While the SMB113A has a max input voltage of 6.0V
the controller can operate to0 much higher voltages by
using the circuit depicted below. By inserting a
capacitor, C1, in series with the HSDRV gate signal
the HSDRV pin is isolated from the 12V supply, and
the AC coupling capacitor acts as a level translator
transferring the 0-5V signal from the HSDRV pin to a
12V to 7V (12V-5V = 7V) signal at the gate of the
PFET. When the gate stops switching the capacitor
becomes an open circuit and the gate will be pulled
high by R1 turning off the output. The schottky diode
and the pull-up resistor are used for DC restoration
and as a pull-up respectively.
Since the converter runs directly from the input supply
(12V in this instance) the efficiency is consistent with
that of a synchronous converter. Typical efficiency
curves are shown below.
7V
LSDRV
HSDRV
AC Coupling capacitor
All power comes directly from 12V supply
DC Restoration
C45
22uF
C51
0.1uF
C1
0.1uF
R1
1K
Schottky
C28
22uF
C33
0.1uF
L1
3.3uH
Q2(P)
Q1(N)
Q6
FDC6420C
Vout
1
NP
+12V
time
5V
time
12V
Figure 7 – High-voltage operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com