Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB214B Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMB214B
Description  High-power, Three-channel Programmable DC-DC System Power Managers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB214B Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMB214B Datasheet HTML 1Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 2Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 3Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 4Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 5Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 6Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 7Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 8Page - Summit Microelectronics, Inc. SMB214B Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SMB214A/B/C
Summit Microelectronics, Inc
2128 2.2 9/17/2010
4
INTERNAL BLOCK DIAGRAM
VDDCAP
DEADTIME
+
–
OA
LEVEL
SHIFTER
+
–
+
–
GLITCH
FILTER
GLITCH
FILTER
CLAMP
DUTY
CYCLE
LIMIT
OVER VOLTAGE
DETECTION
100k
DIGITAL TO
ANALOG
CONVERTER
UNDER VOLTAGE
DETECTION
Channel 0,1,2
Synchronous
buck
PWM Converter
HSDRV[0,1,2]
LSDRV[0,1,2]
COMP1_CH[0,1,2]
COMP2_CH[0,1,2]
VM_CH[0,1,2]
VREF
VREF
OSC
Fixed 400/800/
1000kHz
MAX LIMIT
LOW LIMIT
+
–
PWREN
HVSUP[0,1,2]
VREF
+
–
LEVEL
SHIFTER
+
–
VBATT
DQ
BANDGAP
VREF
2.5V
REGULATOR
VDD_CAP
GND
UV2
SCL
SDA
I2C/SMBUS
UV1
SEQUENCING
AND
MONITORING
LOGIC
ENABLE
Figure 3 –SMB214A/B/C internal block diagram. Programmable functional blocks include: level shifters, digital
to analog converter and the VM_CH[0,1,2] voltage dividers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com