Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-5R5C105-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # KW-5R5C105-R
Description  Coin Cell Supercapacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KW-5R5C105-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  KW-5R5C105-R Datasheet HTML 1Page - Cooper Bussmann, Inc. KW-5R5C105-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann PowerStor supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
The KW Series offers a wide range of high capacitance coin cell style products
for use in memory and RTC back-up applications. End products include
electricity meters, motor control units and solar inverters.
Features & Benefits
Applications
• High specific capacitance
• RTC Back-up
• Low leakage current
• Electric utility meters
• Long cycle life
• Motor control units
• Eco-friendly
• Solar inverters
Coin Cell Supercapacitors
KW Series
Specifications
Working Voltage
5.5V
Surge Voltage
6.3V
Capacitance
0.1F to 1.0F
Capacitance Tolerance
-20% to +80% (20°C)
Operating Temperature Range
-40°C to 85°C
Standard Product
Maximum Initial ESR (
Ω)
(Equivalent Series Resistance)
Capacitance (F)
Part Number
Measured @ 1kHz
Maximum Dimensions (mm)
Typical Mass (grams/piece)
0.1
KW-5R5C104-R
50
Ø = 13.5mm; H = 8.30mm; P = 5mm
3.7
0.22
KW-5R5C224-R
50
Ø = 13.5mm; H = 8.30mm; P = 5mm
3.7
0.33
KW-5R5C334-R
50
Ø = 13.5mm; H = 8.30mm; P = 5mm
3.7
0.68
KW-5R5C684-R
30
Ø = 21.5mm; H = 9.00mm; P = 5mm
10.2
1.0
KW-5R5C105-R
30
Ø = 21.5mm; H = 9.00mm; P = 5mm
10.4
Performance
Capacitance Change
ESR
Parameter
(% of initial measured value)
(% of maximum initial ESR)
Life (1000 hrs @ 85°C @ 5.5Vdc)
< 30 %
< 200 %
Storage - Low and High Temperature
(1000 hrs @ -40°C and 85°C)
< 30 %
< 200 %
Pb
HALOGEN
HF
FREE
0912
BU-SB12740
Page 1 of 2
Data Sheet: 4422
Leaded Coin Cell Device


Similar Part No. - KW-5R5C105-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KW-5R5C105-R COOPER-KW-5R5C105-R Datasheet
830Kb / 4P
Coin cell supercapacitors
logo
Eaton All Rights Reserv...
KW-5R5C105-R EATON-KW-5R5C105-R Datasheet
440Kb / 4P
Coin cells
More results

Similar Description - KW-5R5C105-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH401 ETC1-BH401 Datasheet
71Kb / 1P
COIN CELL HOLDER
logo
Cooper Bussmann, Inc.
KR-5R5V104-R COOPER-KR-5R5V104-R Datasheet
306Kb / 4P
Coin Cell Supercapacitors
logo
Dubilier
CR123A DUBILIER-CR123A Datasheet
67Kb / 1P
LITHIUM COIN CELL
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
List of Unclassifed Man...
DC-2R5E204T614-E ETC2-DC-2R5E204T614-E Datasheet
95Kb / 1P
Coin Cell Capacitors
DS-2R5H204T614-H2L ETC2-DS-2R5H204T614-H2L Datasheet
101Kb / 1P
Coin Cell Capacitors
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
Coin Cell Holder
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
Coin Cell Holder
logo
Cooper Bussmann, Inc.
KW-5R5C104-R COOPER-KW-5R5C104-R_14 Datasheet
830Kb / 4P
Coin cell supercapacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com