Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC00AS14-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC00AS14-13
Description  QUADRUPLE 2-INPUT NAND GATES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC00AS14-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  74LVC00AS14-13 Datasheet HTML 1Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 2Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 3Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 4Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 5Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 6Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 7Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 8Page - Diodes Incorporated 74LVC00AS14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74LVC00A
Document number: DS35257 Rev. 3 - 2
6 of 9
www.diodes.com
June 2012
© Diodes Incorporated
74LVC00A
Parameter Measuement Information (cont.)
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Notes: A . Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz
C. Inputs are measured separately one transition per measurement
D. tPLH and tPHL are the same as tPD
Figure 1. Load Circuit and Voltage Waveforms
Ordering Information
Part
Number
Package
Code
Packaging
(Note 7)
13” Tape and Reel
Quantity
Part Number Suffix
74LVC00AS14-13
S14
SO-14
2500/Tape & Reel
-13
74LVC00AT14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Notes:
7. The taping orientation and tape details can be found at http://www.diodes.com/datasheets/ap02007.pdf



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com