Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC86AT14 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC86AT14
Description  QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC86AT14 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC86AT14 Datasheet HTML 1Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 2Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 3Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 4Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 5Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 6Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 7Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 8Page - Diodes Incorporated 74LVC86AT14 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVC86A
Document number: DS35264 Rev. 3 - 2
2 of 10
www.diodes.com
June 2012
© Diodes Incorporated
74LVC86A
Pin Descriptions
Pin Number
Pin Name
Description
1
1A
Data Input
2
1B
Data Input
3
1Y
Data Output
4
2A
Data Input
5
2B
Data Input
6
2Y
Data Output
7
GND
Ground
8
3Y
Data Output
9
3A
Data Input
10
3B
Data Input
11
4Y
Data Output
12
4A
Data Input
13
4B
Data Input
14
VCC
Supply Voltage
Logic Diagram
Function Table
Inputs
Output
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com