Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC125AS14 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC125AS14
Description  QUADRUPLE 3-STATE BUFFERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC125AS14 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC125AS14 Datasheet HTML 1Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 2Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 3Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 4Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 5Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 6Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 7Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 8Page - Diodes Incorporated 74LVC125AS14 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
74LVC125A
Document number: DS35265 Rev. 3 - 2
2 of 10
www.diodes.com
July 2012
© Diodes Incorporated
74LVC125A
Pin Descriptions
Pin Number
Pin Name
Description
1
1OE
Data Enable Input (active low)
2
1A
Data Input
3
1Y
Data Output
4
2OE
Data Enable Input (active low)
5
2A
Data Input
6
2Y
Data Output
7
GND
Ground
8
3Y
Data Output
9
3A
Data Input
10
3OE
Data Enable Input (active low)
11
4Y
Data Outp
12
4A
Data Input
13
4OE
Data Enable Input (active low)
14
VCC
Supply Voltage
Logic Diagram
Function Table
Inputs
Output
OE
A
Y
L
H
H
L
L
L
H
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com