Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5812 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL5812
Description  60V, 150mA ADJUSTABLE LINEAR LED DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5812 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL5812 Datasheet HTML 4Page - Diodes Incorporated AL5812 Datasheet HTML 5Page - Diodes Incorporated AL5812 Datasheet HTML 6Page - Diodes Incorporated AL5812 Datasheet HTML 7Page - Diodes Incorporated AL5812 Datasheet HTML 8Page - Diodes Incorporated AL5812 Datasheet HTML 9Page - Diodes Incorporated AL5812 Datasheet HTML 10Page - Diodes Incorporated AL5812 Datasheet HTML 11Page - Diodes Incorporated AL5812 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AL5812
Document number: DS35616 Rev. 1 - 2
11 of 12
www.diodes.com
September 2012
© Diodes Incorporated
AL5812
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for latest version.
(1) MSOP-8EP
(2) U-DFN3030-6
Dimensions
Value
(in mm)
C
0.650
G
0.450
X
0.450
X1
2.000
Y
1.350
Y1
1.700
Y2
5.300
Dimensions Value (in mm)
Z
2.75
G
0.57
X1
1.86
X2
0.45
Y
0.34
C
1.205
G
X
C
Y
Y2
Y1
X1
X1
G
X2
Z
C
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com