Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXW Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # TXW
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS TXW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TXW Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  TXW Datasheet HTML 1Page - RUBYCON CORPORATION TXW Datasheet HTML 2Page - RUBYCON CORPORATION TXW Datasheet HTML 3Page - RUBYCON CORPORATION TXW Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
TXW
Rated
Voltage
(V.DC)
Capacitance
(μF)
Size
φD×L
(㎜)
Ripple Current (A r.m.s.105℃)
120Hz
100kHz
180
220
330
390
390
470
680
820
820
1000
1200
1500
1800
100
120
180
220
220
270
390
470
470
560
680
820
1000
82
100
150
180
180
220
330
390
390
470
560
680
820
35
50
63
6.3×25
6.3×30
6.3×40
6.3×50
8×25
8×30
8×40
8×50
10×30
8×60
10×40
10×50
10×60
6.3×25
6.3×30
6.3×40
6.3×50
8×25
8×30
8×40
8×50
10×30
8×60
10×40
10×50
10×60
6.3×25
6.3×30
6.3×40
6.3×50
8×25
8×30
8×40
8×50
10×30
8×60
10×40
10×50
10×60
0.605
0.685
0.924
1.11
0.951
1.11
1.41
1.82
1.48
2.08
1.87
2.21
2.50
0.510
0.580
0.710
0.860
0.740
0.870
1.22
1.45
1.22
1.68
1.55
2.02
2.31
0.455
0.515
0.635
0.775
0.665
0.785
1.11
1.32
1.16
1.54
1.43
1.71
2.15
47
56
82
100
100
120
180
220
220
270
270
390
470
33
39
56
68
82
100
120
150
150
220
220
270
330
6.3×25
6.3×30
6.3×40
6.3×50
8×25
8×30
8×40
8×50
10×30
8×60
10×40
10×50
10×60
6.3×25
6.3×30
6.3×40
6.3×50
8×25
8×30
8×40
8×50
10×30
8×60
10×40
10×50
10×60
0.455
0.515
0.635
0.775
0.665
0.785
1.01
1.20
1.05
1.40
1.30
1.71
1.97
0.382
0.515
0.635
0.775
0.665
0.785
1.01
1.20
1.05
1.40
1.30
1.56
1.97
0.910
1.03
1.27
1.55
1.33
1.57
2.02
2.41
2.10
2.80
2.60
3.12
3.59
0.910
1.03
1.27
1.55
1.33
1.57
2.02
2.41
2.10
2.80
2.60
3.12
3.59
1.21
1.37
1.68
2.02
1.73
2.03
2.57
3.04
2.47
3.48
3.12
3.69
4.17
1.02
1.16
1.42
1.72
1.48
1.74
2.23
2.65
2.22
3.07
2.82
3.37
3.86
0.910
1.03
1.27
1.55
1.33
1.57
2.02
2.41
2.10
2.80
2.60
3.12
3.59
Rated
Voltage
(V.DC)
Capacitance
(μF)
Size
φD×L
(㎜)
Ripple Current (A r.m.s.105℃)
120Hz
100kHz
80
100
◆DIMENSIONS
(mm)
L+α MAX
15MIN
4MIN
φd
SLEEVE(PET)
φD+0.5MAX
φD
35∼100V.DC
160∼450V.DC
φd
F
α
12.5
5.0
10
0.6
8
6.3
0.5
2.5
3.5
2.0
-
-
18
16
0.8
7.5
2.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com