Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XV3550-2R7307-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # XV3550-2R7307-R
Description  Supercapacitors XV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

XV3550-2R7307-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  XV3550-2R7307-R Datasheet HTML 1Page - Cooper Bussmann, Inc. XV3550-2R7307-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Cooper Bussmann PowerStor supercapacitors are unique, ultra-high
capacitance devices utilizing electrochemical double layer capacitor (EDLC)
construction combined with new, high performance materials. This
combination of advanced technologies allows Cooper Bussmann to offer a
wide variety of capacitor solutions tailored to specific applications that range
from a few micro-amps for several days to several amps for milliseconds.
Features & Benefits
Applications
• Over 10-Year Operating
• Hybrid Battery or
Life at Room Temperature
Fuel Cell Systems
• Ultra Low ESR for High
• High Pulse Current
Power Density
Applications
• Large Capacitance for
• UPS / Hold Up Power
High Energy Density
• Long Cycle Life
• UL Recognized
Supercapacitors
XV Series
Specifications
Capacitance
300F to 400F
Working Voltage
2.7V
Surge Voltage
2.85V
Capacitance Tolerance
-5% to +10%
Operating Temperature Range
-40°C to 65°C
Standard Product
Nominal ESR (m
Ω)
(Equivalent Series Resistance)
Capacitance (F)
Part Number
1kHz (ref)
DC Resistance
Nominal Dimensions (mm)
Typical Mass (grams/piece)
300
XV3550-2R7307-R
5.0
6.0
Ø = 35; L = 50
62
400
XV3560-2R7407-R
3.2
3.2
Ø = 35; L = 60
72
Performance
Capacitance Change
ESR
Parameter
(% of initial specified value)
(% of initial specified value)
Life (1500 hrs @ maximum rated voltage and temperature)
< 20 %
< 200 %
Storage - Low and High Temperature
(1500 hrs @ -40°C and 70°C)
< 20 %
< 200 %
Pb
HALOGEN
HF
FREE
0512
BU-SB12431
Page 1 of 2
Data Sheet: 4424
Snap-In Cylindrical Device


Similar Part No. - XV3550-2R7307-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
XV3550-2R7307-R EATON-XV3550-2R7307-R Datasheet
248Kb / 4P
Cylindrical snap-in
More results

Similar Description - XV3550-2R7307-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
Supercapacitors
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
Supercapacitors XB Series
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
Supercapacitors FA Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
Supercapacitors FG Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
Supercapacitors FS Series
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
Supercapacitors FY Series
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
Supercapacitors FY Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com