Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0209000000 Datasheet(PDF) 21 Page - Weidmuller

Part # 0209000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0209000000 Datasheet(HTML) 21 Page - Weidmuller

Back Button 0209000000 Datasheet HTML 17Page - Weidmuller 0209000000 Datasheet HTML 18Page - Weidmuller 0209000000 Datasheet HTML 19Page - Weidmuller 0209000000 Datasheet HTML 20Page - Weidmuller 0209000000 Datasheet HTML 21Page - Weidmuller 0209000000 Datasheet HTML 22Page - Weidmuller 0209000000 Datasheet HTML 23Page - Weidmuller 0209000000 Datasheet HTML 24Page - Weidmuller 0209000000 Datasheet HTML 25Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
144
Fuse terminals
with fault indicator
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Terminal width (+ 0.2 assembly tolerance)
mm
Insulation stripping length/clamping screw/screwdriver blade
Connection data
Screw connection, solid
Screw connection, flexible
Conductor cross-section
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
VDE rated data
Voltage/current
LED-current (24…60 V)
LED-current (115…230 V)
Incandescent lamp-current
Neon lamp-current
Cross-section
Ordering data
Voltage
Fuse insert
5 x 20
LED
24 V–
Acc. to IEC 60127-2 (VDE 0820 T.2 Bl 1)
24 V~
without indicator
48 V–
48 V~
Incandescent lamp
24 V0
48 V0
Neon lamp
115 V0
230 V0
Fuse insert
5 x 25
LED
24 V–
Acc. to DIN 41576
without indicator
Incandescent lamp
48 V0
Neon lamp
115 V0
230 V0
Accessories
Mounting rail
End brackets (thickness mm)
for TS 32 Y
for TS 35 W
End plate (thickness mm)
Cross-connection
Type ‘QL’
Cross-connection
Type ‘QB’
Fixing screw (fits QL)
Screw cap (spare)
Neon lamp
SAKS 1
Fuse insert 5 x 20/5 x 25
Warning:
In the event of a faulty fuse,
the connection system is live!
SAKS 4
Fuse insert E14/D 01
(e.g. Neozed D 01)
Warning:
In the event of a faulty fuse,
the connection system is live!
SAKS 6
Fuse insert 11/4“ x 1/4“
acc. to DEF 63
Warning:
In the event of a faulty fuse,
the connection system is live!
SAKS 7
Fuse insert 5 x 20/5 x 25
Warning:
In the event of a faulty fuse,
the connection system is live!
24
14
0.5…16 mm2
0.5…10 mm2
AWG 20…7
1.2…2.4
4
–/16 A
≤ 1 mA
10 mm2
Type
Cat. No.
Qty.
SAKS 4
TS 32 Neon lamp
Voltage
115 V0
0101820000 10
480 V0
0102120000 10
Type
Cat. No.
Qty.
TS 32
0122800000
EWK 1 (8.5) 0206160000 50
a r
12
12
0.5…16 mm2
0.5…10 mm2
AWG 20…8
1.2…2.4
4
500 V~/10 A
10 A
≤ 1 mA
≤ 1 mA
10 mm2
Type
Cat. No.
Qty.
SAKS 7 KrG
for 5 x 25
0576120000 40
SAKS 7 KrG
for 5 x 20
0573120000 40
exchangable neon lamps
(please order separately)
Type
Cat. No.
Qty.
TS 32
0122800000
EWK 1 (8.5) 0206160000 50
AP KrG (3)
0146720000 20
QL 2
0207800000 20
QL 3
0207900000 20
QL 4
0208000000 20
QL 10
0338900000 20
BSM 4x9 m.SS 0133300000
100
Neon lamp 230 V~
0550300000
Neon lamp 115 V~
0550200000
a r
12
12
0.5…16 mm2
0.5…10 mm2
AWG 20…8
1.2…2.4
4
500 V~/10 A
10 A
≤ 1 mA
≤ 1 mA
10 mm2
Type
Cat. No.
Qty.
SAKS 6 KrG 0531820000 40
for 11/4“ x 1/4“ acc. to DEF 63
exchangable neon lamps
(please order separately)
Type
Cat. No.
Qty.
TS 32
0122800000
EWK 1 (8.5) 0206160000 50
AP KrG
0146720000 20
QL 2
0191400000 50
QL 3
0191500000 50
QL 4
0191600000 20
QL 10
0338800000 20
BSM 3x6 m.SS 0346200000
100
Neon lamp 230 V~
0550300000
Neon lamp 115 V~
0550200000
a r
13
12
0.5…16 mm2
0.5…10 mm2
AWG 20…8
1.2…2.4
4
–/10 A
≤ 5 mA
≤ 50 mA
≤ 0.5 mA
10 mm2
Y
Qty. W
Qty.
SAKS 1 LD
0371420000 10 0225820000 10
1111220000 10 1111320000 10
0371420000 10 0214020000 10
SAKS 1 GL
0173220000 10
0378920000 10
SAKS 1 GL
0385320000 10 8068330000
10
0306120000 10 0199920000 10
SAK 1 LD
on demand
SAKS GL
on demand
SAKS 1 GL
0309320000 10 0198620000 10
Type
Cat. No.
Qty.
TS 32
0122800000
TS 35x7.5
0383400000
TS 35x15
0498000000
EWK 1 (8.5)
0206160000 50
EW 35 (8.5) 0383560000 50
AP KrG (3)
0191320000 20
SK (5 x 20)
0282100000 20
SK (5 x 25)
0282000000 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com