Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV217 Datasheet(PDF) 2 Page - THine Electronics, Inc.

Part # THCV217
Description  THCV217 is designed to support video data transmission between the host and display.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV217 Datasheet(HTML) 2 Page - THine Electronics, Inc.

  THCV217 Datasheet HTML 1Page - THine Electronics, Inc. THCV217 Datasheet HTML 2Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THCV217_Rev.1.00_E_Brief
Copyright©2012 THine Electronics, Inc.
THine Electronics, Inc.
2/2
Example System Diagram
HTPDN
LOCKN
Rx0p
Rx0n
THCV218
3.3V
Rx1p
Rx1n
R1[9:0]
G1[9:0]
B1[9:0]
HSYNC
VSYNC
DE
CLKOUT
R2[9:0]
G2[9:0]
B2[9:0]
Tx0p
Tx0n
THCV217
HTPDN
LOCKN
Tx1p
Tx1n
R1[9:0]
G1[9:0]
B1[9:0]
HSYNC
VSYNC
DE
CLKIN
R2[9:0]
G2[9:0]
B2[9:0]
Example for CMOS/TTL to CMOS/TTL
Tx0p
Tx0n
THCV217
HTPDN
LOCKN
3.3V
Tx1p
Tx1n
R1[9:0]
G1[9:0]
B1[9:0]
HSYNC
VSYNC
DE
CLKIN
R2[9:0]
G2[9:0]
B2[9:0]
HTPDN
LOCKN
Rx0p
Rx0n
THCV216
Rx1p
Rx1n
RLA0+/-
RLB0+/-
RLC0+/-
RLE0+/-
RLCLK0+/-
RLD0+/-
RLA1+/-
RLB1+/-
RLC1+/-
RLCLK1+/-
RLD1+/-
RLE1+/-
1.8V
Example for CMOS/TTL to LVDS
Notices and Requests
1.
The product specifications described in this material are subject to change without prior notice.
2.
The circuit diagrams described in this material are examples of the application which may not always apply
to the customer’s design. We are not responsible for possible errors and omissions in this material. Please
note if errors or omissions should be found in this material, we may not be able to correct them immediately.
3.
This material contains our copy right, know-how or other proprietary. Copying or disclosing to third parties
the contents of this material without our prior permission is prohibited.
4.
Note that if infringement of any third party's industrial ownership should occur by using this product, we will
be exempted from the responsibility unless it directly relates to the production process or functions of the
product.
5.
This product is presumed to be used for general electric equipment, not for the applications which require
very high reliability (including medical equipment directly concerning people's life, aerospace equipment, or
nuclear control equipment). Also, when using this product for the equipment concerned with the control and
safety of the transportation means, the traffic signal equipment, or various Types of safety equipment, please
do it after applying appropriate measures to the product.
6.
Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a
certain small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged to
have sufficiently redundant or error preventive design applied to the use of the product so as not to have our
product cause any social or public damage.
7.
Please note that this product is not designed to be radiation-proof.
8.
Customers are asked, if required, to judge by themselves if this product falls under the category of strategic
goods under the Foreign Exchange and Foreign Trade Control Law.
THine Electronics, Inc.
sales@thine.co.jp



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com