Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT1028 Datasheet(PDF) 3 Page - Alpha Wire

Part # PVT1028
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVT1028 Datasheet(HTML) 3 Page - Alpha Wire

  PVT1028 Datasheet HTML 1Page - Alpha Wire PVT1028 Datasheet HTML 2Page - Alpha Wire PVT1028 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PVT1028 , RoHS-Compliant Commencing With8/19/2009Production
This document certifies that the Alpha part numbers cited above are manufactured in accordancewith Directive 2002/95/EC of the European
Parliament and of the Council of 27 January 2003,better known as the RoHS Directives, with regards to restrictions of the use of certain
hazardoussubstances used in the manufacture of electrical and electronic equipment. The reader is referredto these Directives for the specific
definitions and extents of these Directives. No Exemptions arerequired for RoHS Compliance on this item.
Substance
Maximum Control Value
Lead
0.1% by weight (1000 ppm)
Mercury
0.1% by weight (1000 ppm)
Cadmium
0.01% by weight (100 ppm)
Hexavalent Chromium
0.1% by weight (1000 ppm)
Polybrominated Biphenyls (PBB)
Polybrominated Diphenyl Ethers (PBDE)
0.1% by weight (1000 ppm)
Including Deca-BDE
0.1% by weight (1000 ppm)
The information provided in this document and disclosure is correct to the best of Alpha Wire'sknowledge, information and belief at the date of its
release. The information provided is designedonly as a general guide for the safe handling, storage, and any other operation of the productitself or
the one that it will become part of. The intent of this document is not to be considered awarranty or quality specification. Regulatory information is
for guidance purposes only. Productusers are responsible for determining the applicability of legislation and regulations based ontheir individual
usage of the product.
Authorized Signatory for the Alpha Wire Company:
Dave Watson, Director of Engineering & QA
11/2/2012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com