Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT1228 Datasheet(PDF) 1 Page - Alpha Wire

Part # PVT1228
Description  Customer Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

PVT1228 Datasheet(HTML) 1 Page - Alpha Wire

  PVT1228 Datasheet HTML 1Page - Alpha Wire PVT1228 Datasheet HTML 2Page - Alpha Wire PVT1228 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. PVT1228
Construction
Diameters (In)
1) Component 1
1 X 1 HOOKUP
a) Conductor
12 (56/28) AWG TC
0.102
b) Insulation
0.045" Wall, Nom. Low Smoke Zero Halogen
(LSZH)
0.192+/- 0.004
(1) Color(s)
WHITE
2) Jacket
0.030" Wall, Nom.,Low Smoke Zero Halogen
(LSZH)
0.252+/- 0.010
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N PVT1228
12 AWG 4MM2 E331483 (UL) PV WIRE 90C WET OR DRY
600V SUN RES -40C --- TUV 2PFG 1169 1000V LSZH
ROHS CE
* = Factory Code
Applicable Specifications
1) UL
VW-1
SUN RES
-40C
UL 4703, PV Wire
90°C Dry / 90°C Wet / 600 VRMS
2) IEC
EN 60332-1 Flame Behavior
EN 60754-1 Acid Gas Generation
EN 60754-2 Acid Gas Generation
EN 61034-2 Smoke Emission
EN 60811-2-1 Ozone Resistance
EN 60228 Conductors, Class 2
3) Other
EN-ISO 4892 UV Resistance
TUV 2PfG 1169/08.2007
4) CE:
LVD 73/23/EEC Amendment 93/68/EEC
Environmental


Similar Part No. - PVT1228

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PVT1028 ALPHAWIRE-PVT1028 Datasheet
70Kb / 3P
Customer Specification
PVT1430 ALPHAWIRE-PVT1430 Datasheet
70Kb / 3P
Customer Specification
More results

Similar Description - PVT1228

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com