Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPM-8151H-R3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FPM-8151H-R3AE
Description  15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-8151H-R3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FPM-8151H-R3AE Datasheet HTML 1Page - Advantech Co., Ltd. FPM-8151H-R3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Monitors and Display Solutions
Features
FPM-8151H
Specifications
General
ƒ
Button Controls
OSD control pad on front panel with lockable function
2 user-defined contrast/brightness settings
ƒ
Certifications
CE, FCC Class A, UL C1D2, CB, BSMI, CCC
ƒ
Dimension (W x H x D) 422 x 338 x 68 mm (16.61" x 13.31" x 2.68")
ƒ
Enclosure
Front panel: 316L Stainless steel
Rear cover : Stainless steel
Ground Isolation Protection
ƒ
Mounting
Panel, wall, desktop, VESA arm
ƒ
Power Input
Phoenix Jack: 24 VDC input
DC Jack: external 57 W power adapter, with
100 ~ 240 VAC input and 12 VDC @ 4.75 A output
(Optional)
ƒ
Power Consumption
12W
ƒ
Video Port
VGA & DVI-D Port
ƒ
Weight (Net)
8.5 kg (18.74 lbs)
LCD Display
ƒ
Display Type
XGA TFT LCD
ƒ
Backlight Type
LED
ƒ
Display Size
15"
ƒ
Max. Resolution
1024 x 768
ƒ
Max. Color
16.2M (RGB 8-bits) or 262k colors (RGB 6-bits)
ƒ
Viewing Angle (H/V°)
160/140
ƒ
Luminance (cd/m2)
350
ƒ
Backlight Life (hrs)
50,000
ƒ
Contrast Ratio
700:1
ƒ 15" XGA TFT LCD with LED backlight
ƒ Stainless steel 316L front panel
ƒ NEMA4X/IP65 compliant front panel
ƒ -20 ~ 60°C (-4 ~ 140°F) wide operating temperature range
ƒ Enhanced 5-wire resistive touch panel
ƒ Direct VGA & DVI-D video input interface
ƒ Combo RS-232 & USB interface for touchscreen function
ƒ Supports 24 VDC input and 100~240 VAC input (optional AC adapter)
ƒ OSD control pad with lockable function on front panel
ƒ Meets hazardous requirements with UL CID2 certification
Touchscreen
ƒ
Sensor
AMT
ƒ
Driver
Penmount 6000
ƒ
Type
5-wire resistive with enhanced ITO film
ƒ
Interface
USB & RS-232 (Combo)
ƒ
Lifespan
36 million with a silicone rubber R8 finger,
writing rate is by 250g at 2 times/s
ƒ
Light Transmission
> 80%
ƒ
OS Support
Windows 2000, XP, Vista, 7, XPe, CE and Linux
ƒ
Power Consumption
+5 V @ 100 mA
ƒ
Touch Resolution
Linearity
Environment
ƒ
Operation Temperature -20 ~ 60°C (-4 ~ 140°F)
ƒ
Storage Temperature
-30 ~ 80°C (-22 ~ 176°F)
ƒ
Humidity (Storage)
10 ~ 95% non-condensing
ƒ
Waterproof
Front panel is NEMA4X/IP65 compliant
ƒ
Shock
11ms, 10G (Non Operating, Half Sine Wave)
ƒ
Vibration
5 ~ 500 Hz, 1 Grms (Operating, Random)
Ordering Information
ƒ
FPM-8151H-R3AE
15" XGA Ind. Monitor VGA, DVI, Wide Temp
15" XGA Industrial Monitor for Hazardous
Location, with 316L Stainless Steel Front
Panel
Introduction
The FPM-8151H is a particularly rugged and reliable 15” XGA wide temperature industrial monitor for a variety of industry applications. Equipped with a wide operating temperature
range of -20 ~ 60°C (-4 ~ 140°F), it can satisfy demands in a wide range of harsh industrial applications. This model also features enhanced 5-wire resistive touch and system
isolation to enhance the reliability. Moreover, FPM-8151H is designed to be safely operated in these locations and is undergoing certification to be UL listed for Hazardous Locations
with Class I, Division 2.
NEW


Similar Part No. - FPM-8151H-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FPM-8151H-R3AE ADVANTECH-FPM-8151H-R3AE Datasheet
376Kb / 2P
15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
More results

Similar Description - FPM-8151H-R3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IPPC-8151S ADVANTECH-IPPC-8151S Datasheet
646Kb / 2P
15 XGA TFT LCD Celeron짰 M Fanless Industrial Panel PC with Stainless Steel
IDS-3215 ADVANTECH-IDS-3215_14 Datasheet
394Kb / 2P
15" XGA Industrial Panel Mount Monitor
FPM-8151H ADVANTECH-FPM-8151H_15 Datasheet
376Kb / 2P
15" XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
logo
TE Connectivity Ltd
154BC TEC-154BC Datasheet
182Kb / 5P
316L Stainless Steel or Titanium
logo
Advantech Co., Ltd.
IDS-3215 ADVANTECH-IDS-3215 Datasheet
724Kb / 2P
15' XGA Industrial Panel Mount Monitor
FPM-8151H ADVANTECH-FPM-8151H_16 Datasheet
325Kb / 2P
15' XGA Industrial Monitor for Hazardous Location, with 316L Stainless Steel Front Panel
FPM-8151H ADVANTECH-FPM-8151H_V01 Datasheet
362Kb / 2P
15 XGA Industrial Monitor with 316L Stainless Steel Front Panel for Hazardous Environments
27-Jun-2018
FPM-815S ADVANTECH-FPM-815S Datasheet
433Kb / 2P
15 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DP Ports, and 304 Stainless Steel Front Bezel
25-Feb-2020
IDS-3215 ADVANTECH-IDS-3215_V01 Datasheet
839Kb / 2P
15 XGA Industrial Panel Mount Monitor
24-Jul-2020
IDS-3315 ADVANTECH-IDS-3315 Datasheet
400Kb / 2P
15 XGA Front IP65 Industrial Monitor
30-Dec-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com