Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 16 Page - Texas Instruments

Part # 5000
Description  EEG Front-End Performance Demonstration Kit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button 5000 Datasheet HTML 12Page - Texas Instruments 5000 Datasheet HTML 13Page - Texas Instruments 5000 Datasheet HTML 14Page - Texas Instruments 5000 Datasheet HTML 15Page - Texas Instruments 5000 Datasheet HTML 16Page - Texas Instruments 5000 Datasheet HTML 17Page - Texas Instruments 5000 Datasheet HTML 18Page - Texas Instruments 5000 Datasheet HTML 19Page - Texas Instruments 5000 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
ADS1299EEG-FE Daughter Card Hardware Introduction
www.ti.com
A 2.048MHz oscillator available for +3V and +1.8V DVDD is the FXO-HC735-2.048MHz and SiT8002AC-
34-18E-2.048, respectively. The EVM is shipped with the external oscillator enabled.
4.3
Reference
The ADS1299 has an on-chip internal reference circuit that provides reference voltages to the device.
Alternatively, the internal reference can be powered down and VREFP can be applied externally. This
configuration is achieved with the external reference generator (U3) and driver buffer. The EVM has the
footprints for the necessary circuitry, but the components are not installed at the factory.
The external reference voltage can be set to 4.096V. Measure TP3 to make sure the external reference is
correct. The setting for the external reference is described in Table 6.
Table 6. External Reference Jumper Options
Internal Reference
External Reference
ADS1299 Reference
VREF = 4.5V
VREFP = 4.096V
JP3
Not Installed
Installed
The software uses the VREF value entered in the Global Registers control tab (refer to Section 5.2) to
calculate the input-referred voltage value for all the tests. The default value is 4.5V. If any other value is
used, the user must update this field in the Global Registers control tab.
4.4
Accessing ADS1299 Analog Signals
Some ADS1299 output signals are provided as test points for probing purposes through J5. Table 7 lists
the various test signals with the corresponding test points.
Table 7. Test Signals
Signal
J5 Pin Number
Signal
RESERVE
1
2
RESERVE
RESERVE
3
4
RESERVE
GPIO4
5
6
PWDNB
GPIO3
7
8
Daisy_in
AGND
9
10
RESERVE
4.5
Accessing ADS1299 Digital Signals
The ADS1299 digital signals (including SPI interface signals, some GPIO signals, and some of the control
signals) are available at connector J3. These signals are used to interface to the MMB0 board DSP. The
pin out for this connector is given in Table 8.
Table 8. Serial Interface Pin Out
Signal
J3 Pin Number
Signal
START/CS
1
2
CLKSEL
CLK
3
4
GND
NC
5
6
GPIO1
CS
7
8
RESETB
NC
9
10
GND
DIN
11
12
GPIO2
DOUT
13
14
NC/START
DRDYB
15
16
SCL
EXT_CLK
17
18
GND
NC
19
20
SDA
16
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com