Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-L128T-R80-WXE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-L128T-R80-WXE
Description  12.1" Fanless Panel PC with Intel짰 Atom??N270 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-L128T-R80-WXE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-L128T-R80-WXE Datasheet HTML 1Page - Advantech Co., Ltd. PPC-L128T-R80-WXE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless and Multi-functional Panel PCs
Features
PPC-L128T
12.1" Fanless Panel PC with
Intel® Atom™ N270 Processor
Introduction
The PPC-L128T is 12.1" Fanless panel PC that delivers high performance while consuming low power. The PPC-L128T operates with low noise and provides display resolutions
up to 1024 x 768 (XGA) pixels. The PPC-L128T is equipped with dual Gigabit Ethernet connectors supporting either failover or LAN teaming. Advantech’s customization services
and optional accessories including wireless modules, battery packs, and SATA optical devices, allowing system integrators to design tailor-made solutions for a host of industrial
applications. And PPC-L128T optionally supports a sunlight readable display, making it suitable for outdoor use.
Specifications
Processor System
CPU
Intel Atom Processor N270 1.6 GHz
CPU Front Side Bus
533 MHz
Chipset
Intel 945GSE + Intel ICH7M
Secondary Cache
512 KB L2 Cache
Memory
200-pin DDR2 533 SODIMM x1 Up to 2 GB
DVD+/-RW
Optional (989KL128T00E)
SSD
Supports one CompactFlash Type II, socket
HDD
One internal SATA interface- 2.5" Type
Network (LAN)
2 x 10/100/1000 Mbps (RJ-45)
Fully Integrated I/O and Speakers
3 Serial Ports: RS-232 x 2, RS-232/422/485 x 1; 1 GPIO port
1 VGA Port ; PS/2 Mouse and Keyboard
Line-in/ Line-out/ Mic-in
Built-in 1W x 2 speakers, USB 2.0 ports x 4
Bus Expansion
1 x expansion slot for PCI/PCIe card
1 x MINI PCIe slot
Front Panel Protection
IP65 compliant
Weight
3.63 kg (7.98 Ib)
Dimensions (W x H x D)
340.5 x 269.3 x 70.5 mm (13.41" x 10.6 x 2.78")
OS Support
Microsoft Windows XPe/XP Pro, Vista, Windows 7 and WES 7
Power Supply
12 ~ 24 VDC
PPC-L128T-R80/080 series
PPC-L128T-R81/081 series
LCD Display
Display Type
12.1" Color TFT LCD
12.1" Color TFT LCD (LED backlight)
Max. Resolution
1024 x 768
1024 x 768
Colors
262 K
262 K
Pixel Pitch (mm)
0.240 x 0.240
0.240 x 0.240
Viewing Angle
160°/160°
160°/160°
Luminance (cd/m2)
450
600
Brightness Control
Yes (by BIOS)
Yes (by BIOS)
Backlight Lifetime
50,000 hours
50,000 hours
Touchscreen (optional)
Type
Analog Resistive 5 wires (ELO)
Analog Resistive 5 wires (AMT), Anti-Corrosive type
Resolution
Continuous
2048 x 2048
Light Transmission
80 %
80 %
Controller
USB Interface
RS232 Interface (COM4)
Durability (Touches)
35 million
35 million
Environmental Specifications
Operating Temperature
0-45° C (32-113° F)
Relative Humidity
10 ~ 95 % @ 40° C, non-condensing
Shock
10 G peak acceleration (11ms duration)
Vibration
1 G
EMC
CE, FCC Class B, BSMI
Safety
CE CB, UL, BSMI, CCC , VCCI
ƒ 12.1" TFT XGA LCD with optional resistive touchscreen
ƒ Embedded Intel® Atom™ processor N270 1.6 GHz
ƒ Supports up to 2 GB DDR2 SDRAM
ƒ Supports one internal SATA 2.5" HDD
ƒ Support 4 USB 2.0 ports, Dual Gigabit Ethernet
ƒ Optional PCI/PCIe x 1 expansion kit
ƒ Fanless and ultra-low power consumption
ƒ Automatic data flow control over RS-485 (COM2)
RoHS
COMPLIANT
2002/95/EC
Microsoft®
Windows®
Embedded
All product specifications are subject to change without notice
Last updated : 7-May-2012


Similar Part No. - PPC-L128T-R80-WXE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L128T-R80-WXE ADVANTECH-PPC-L128T-R80-WXE Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
More results

Similar Description - PPC-L128T-R80-WXE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
PPC-L128T ADVANTECH-PPC-L128T Datasheet
386Kb / 2P
12.1 Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-L157T ADVANTECH-PPC-L157T Datasheet
454Kb / 2P
15 Fanless Panel PC with Intel짰 Ato ??N270 Processor
logo
BOSER Technology Co., L...
BPF-3312-Z BOSER-BPF-3312-Z Datasheet
360Kb / 1P
12.1 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
logo
Advantech Co., Ltd.
PPC-3100-RAE ADVANTECH-PPC-3100-RAE Datasheet
478Kb / 2P
10.4" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-3120 ADVANTECH-PPC-3120_15 Datasheet
460Kb / 2P
12.1" Fanless Panel PC with Intel짰 Atom??D2550 Processor
PPC-L62T-R80-AXE ADVANTECH-PPC-L62T-R80-AXE Datasheet
532Kb / 2P
6.5" Fanless Panel PC with Intel짰 Atom??N455 Processor
PPC-L157T-080-XE ADVANTECH-PPC-L157T-080-XE Datasheet
590Kb / 2P
15" Fanless Panel PC with Intel짰 Atom??N270 Processor
PPC-3150 ADVANTECH-PPC-3150_V01 Datasheet
543Kb / 2P
15 Fanless Panel PC with Intel짰 Atom??Quad-Core Processor
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com