Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC800 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC800
Description  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC800 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC800 Datasheet HTML 7Page - NXP Semiconductors LPC800 Datasheet HTML 8Page - NXP Semiconductors LPC800 Datasheet HTML 9Page - NXP Semiconductors LPC800 Datasheet HTML 10Page - NXP Semiconductors LPC800 Datasheet HTML 11Page - NXP Semiconductors LPC800 Datasheet HTML 12Page - NXP Semiconductors LPC800 Datasheet HTML 13Page - NXP Semiconductors LPC800 Datasheet HTML 14Page - NXP Semiconductors LPC800 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
SRAM
Up to 136 kB
Flash
256/512 kB
Flash
256/512 kB
ROM
with ROM drivers
EEPROM
16 kB
MEMORY
Clock Generation Unit
12 MHz, 1% IRC OSC, 1-24 MHz
System OSC, System (CPU) PLL
Power Management Unit
Power saving modes, POR, BOD
ADC (2)
8 channel,10-bit
DAC
10-bit
System PLL
Windowed WDT
EMC
SD/MMC
Graphic LCD
CAN 2.0B (2)
UART (4)
I2S (2)
SSP/SPI (3)
I2C (2)
GPIO (146)
SGPIO
SPIFI
GPDMA
Ethernet MAC
32-bit Timers (4)
MCPWM
RTC
SCT
QEI
Alarm Timer
HS USB 2.0 (2)
USB PLL
Audio PLL
SYSTEM
TIMERS
ANALOG
INTERFACES
LPC43xx
ARM Cortex-M4
Up to 204 MHz
with NVIC, WIC, MPU,
Debug Trace (ETM/ETB)
Floating Point Unit
ARM Cortex-M0
Up to 204 MHZ, with NVIC
CORE
LPC4300: the
fastest Cortex-M
microcontroller
on the planet
(204 MHz)
Featured product
LPC43xx
4
Dual-core Cortex-M4/M0 operating at 204 MHz
4
Advanced peripherals: HS USB, Dual Host, on-chip
PHY, SCT, SGPIO
4
BGA256/180/100, LQFP208/144
4
Pin-compatible to LPC18xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com