Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8533ECSN/R Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8533ECSN/R
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533ECSN/R Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8533ECSN/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 41Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
39
RECOMMENDED ANALOGUE LOW PASS FILTER
Figure 36 Recommended Analogue Low Pass Filter (one channel shown)
An external single-pole RC filter is recommended if the device is driving a wideband amplifier. Other
filter architectures may provide equally good results.
The filter shown in Figure 36 has a -3dB cut-off at 105.26kHz and a droop of 0.15dB at 20kHz. The
typical output from the WM8533 is 2.1Vrms – when a 10kΩ load is placed at the output of this
recommended filter the amplitude across this load is 1.99Vrms.
RELEVANT APPLICATION NOTES
The following application notes, available from www.wolfsonmicro.com, may provide additional
guidance for use of the WM8533.
DEVICE PERFORMANCE:
WAN0129 – Decoupling and Layout Methodology for Wolfson DACs, ADCs and CODECs
WAN0144 – Using Wolfson Audio DACs and CODECs with Noisy Supplies
WTN0302 - WM8524 Recommended Power Sequence and Timing (for hardware mode)
GENERAL:
WAN0108 – Moisture Sensitivity Classification and Plastic IC Packaging
WAN0109 – ESD Damage in Integrated Circuits: Causes and Prevention
WAN0158 – Lead-Free Solder Profiles for Lead-Free Components
WAN0161 – Electronic End-Product Design for ESD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com