Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX074AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX074AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX074AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX074AL Datasheet HTML 1Page - Sony Corporation ICX074AL Datasheet HTML 2Page - Sony Corporation ICX074AL Datasheet HTML 3Page - Sony Corporation ICX074AL Datasheet HTML 4Page - Sony Corporation ICX074AL Datasheet HTML 5Page - Sony Corporation ICX074AL Datasheet HTML 6Page - Sony Corporation ICX074AL Datasheet HTML 7Page - Sony Corporation ICX074AL Datasheet HTML 8Page - Sony Corporation ICX074AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
ICX074AL
Item
VVT
VVH02
VVH1, VVH2, VVH3
VVL1, VVL2, VVL3
V
φV
I VVL1 – VVL3 I
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
V
φRG
VRGLH – VRGLL
VRGH
V
φSUB
VVHOLDH, VVOGH
VVHOLDL, VVOGL
VHHG1H, VHHG2H
VHHG1L, VHHG2L
VHHG1M, VHHG2M
14.55
–0.05
–0.2
–8.0
6.8
4.75
–0.05
4.5
VDD
+0.4
21.5
–0.05
–8.0
4.75
–8.0
–0.05
15.0
0
0
–7.5
7.5
5.0
0
5.0
VDD
+0.6
22.5
0
–7.5
5.0
–7.5
0
15.45
0.05
0.05
–7.0
8.05
0.1
0.5
0.5
0.5
0.5
5.75
0.05
5.5
0.8
VDD
+0.8
23.5
0.05
–7.0
5.25
–7.0
0.05
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
1
2
2
2
2
2
2
2
2
2
3
3
4
4
4
5
6
6
7
7
7
VVH = VVH02
VVL = (VVL01 + VVL03)/2
V
φV = VVHn – VVLn (n = 1 to 3)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
Input through 0.01µF
capacitance
Low-level coupling
Readout clock voltage
Vertical transfer clock
voltage
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Vertical final stage
accumulation clock voltage
transfer clock voltage
Inter-horizontal register
transfer clock voltage
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
Clock Voltage Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com