Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM3100 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM3100
Description  High Performance Stereo 2Vrms Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM3100 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM3100 Datasheet HTML 1Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 2Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 3Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 4Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 5Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 6Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 7Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 8Page - Wolfson Microelectronics plc WM3100 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
w
WM3100
High Performance Stereo 2Vrms Line Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Preliminary Technical Data, October 2010, Rev 2.0
Copyright
©2010 Wolfson Microelectronics plc
DESCRIPTION
The WM3100 is a high performance stereo 2VRMS line driver
with ground referenced outputs.
The device is ideal for cost-sensitive applications requiring line
level outputs, minimal external components and small PCB
area. The WM3100 offers excellent audio performance.
The two high performance amplifiers are capable of driving a
wide variety of loads. The device supports single-ended or
differential input configurations. The input and feedback
resisitors around both amplifiers are integrated within the
WM3100, giving a high impedance input and a fixed signal gain
of +6.4dB.
An on-board charge pump is provided to generate the negative
supply for the ground-referenced drivers; the charge pump
requires only two external capacitors for normal operation.
The line outputs can be muted using a hardware control input. A
high impedance mute state is also supported, where the outputs
are undriven - this is useful in applications where a common
external connector is used as an input and an output.
The device uses a single 3.3V supply, and is available in a 14-
pin SOIC.
FEATURES
•
108dB SNR (‘A’ weighted)
•
-95dB THD+N
•
108dB dynamic range
•
Single-ended or differential input
•
Fixed gain +6.4dB
•
Digital control inputs
-
Mute pin
-
High impedance output mode
•
Pop and click suppression
•
Fast start-up
-
200μs start-up from OFF
-
100μs start-up from MUTE
•
3.3V supply
•
14-pin SOIC
APPLICATIONS
•
Digital televisions
•
DVD players & recorders
•
Blu-ray disc players
•
Gaming consoles
•
Set-top boxes
BLOCK DIAGRAM


Similar Part No. - WM3100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
Energy Management Modular Smart Power Quality Analyzer
WM3-96AV53H ETC2-WM3-96AV53H Datasheet
317Kb / 13P
Energy Management Modular Smart Power Quality Analyzer
logo
Carlo Gavazzi Holding A...
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
Energy Management Smart Modular Power Analyzer
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 18P
Energy Management Smart Modular Power Analyzer
240914
WM30 AV4 3 H CARLOGAVAZZI-WM30 AV4 3 H Datasheet
1Mb / 18P
Energy Management Smart Modular Power Analyzer
240914
More results

Similar Description - WM3100

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU72011 NJRC-NJU72011 Datasheet
205Kb / 15P
2Vrms Ground Referenced Stereo Line Amplifier with LPF
logo
ESS Technology,Inc
ES9023 ESS-ES9023 Datasheet
364Kb / 2P
Premier Stereo DAC with 2Vrms Driver
logo
SG Micro Corp
SGM8902 SGMICRO-SGM8902 Datasheet
1Mb / 14P
Capless 2Vrms to 3Vrms Line Driver
SGM8904 SGMICRO-SGM8904 Datasheet
1Mb / 12P
Capless 2Vrms to 3Vrms Line Driver
SGM8905 SGMICRO-SGM8905 Datasheet
1Mb / 13P
Capless 2Vrms to 3Vrms Line Driver
logo
List of Unclassifed Man...
NAU8220 ETC2-NAU8220 Datasheet
399Kb / 19P
2Vrms Audio Line Driver
logo
SG Micro Corp
SGM89000 SGMICRO-SGM89000 Datasheet
1Mb / 14P
Capless 2Vrms Line Driver
logo
Nuvoton Technology Corp...
NAU8220 NUVOTON-NAU8220 Datasheet
399Kb / 19P
2Vrms Audio Line Driver
NAU8402 NUVOTON-NAU8402 Datasheet
830Kb / 22P
Stereo 24-bit DAC with 2Vrms Line Out
logo
ESS Technology,Inc
ES9023P ESS-ES9023P Datasheet
269Kb / 14P
Premier Stereo DAC with 2Vrms Driver
April 6, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com