Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8758B Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8758B
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758B Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8758B Datasheet HTML 45Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 46Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 47Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 48Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 49Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 50Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 51Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 52Page - Wolfson Microelectronics plc WM8758B Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
49
3D STEREO ENHANCEMENT
The WM8758B has a digital 3D enhancement option to increase the perceived separation between
the left and right channels. Selection of 3D for record or playback is controlled by register bit
EQ3DMODE. Switching this bit from record to playback or from playback to record may only be done
when ADC and DAC are disabled. The WM8758B control interface will only allow EQ3DMODE to be
changed when ADC and DAC are disabled (ie ADCENL = 0, ADCENR = 0, DACENL = 0 and
DACENR = 0).
The DEPTH3D setting controls the degree of stereo expansion.
When 3D enhancement is used, it may be necessary to attenuate the signal by 6dB to avoid limiting.
In ADC low power mode (See Power Management section), the equaliser and 3D cannot be used. To
enable 3D enhancement and 5-band EQ operation, set M128ENB = 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
3D Control
3:0
DEPTH3D[3:0]
0000
Stereo depth
0000 = 0% (minimum 3D effect)
0001 = 6.67%
....
1110 = 93.3%
1111 = 100% (maximum 3D effect)
Table 31 3D Stereo Enhancement Function
ANALOGUE OUTPUTS
The WM8758B has three sets of stereo analogue outputs. These are:
LOUT1 and ROUT1 which can be used as headphone or line drivers.
LOUT2 and ROUT2 – which can be used as headphone or line drivers.
OUT3 and OUT4 – can be configured as a stereo line out (OUT3 is left output and
OUT4 is right output). OUT4 can also be used to provide a mono mix of left and
right channels.
The outputs LOUT2 and ROUT2 are powered from AVDD2 and are capable of driving a 1V rms
signal (AVDD1/3.3).
LOUT1, ROUT1, OUT3 and OUT4 are powered from AVDD1.
LOUT1, ROUT1, LOUT2 and ROUT2 have individual analogue volume PGAs with -57dB to +6dB
gain ranges.
There are four output mixers in the output signal path, the left and right channel mixers which control
the signals to headphone (and optionally the line outputs) and also dedicated OUT3 and OUT4
mixers.
LEFT AND RIGHT OUTPUT CHANNEL MIXERS
The left and right output channel mixers are shown in Figure 24. These mixers allow the ADC bypass
and the DAC left and right channels to be combined as desired. This allows a mono mix of the DAC
channels to be performed as well as mixing in speech from the input bypass path.
The bypass inputs have individual volume control from -15dB to +6dB and the DAC volume can be
adjusted in the digital domain if required. The output of these mixers is connected to both the stereo
headphone drivers (LOUT1, ROUT1, LOUT2 and ROUT2) and can optionally be connected to the
OUT3 and OUT4 mixers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com