Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8758CBGEFL/V Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8758CBGEFL/V
Description  Stereo CODEC with Headphone Driver and Line Out
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8758CBGEFL/V Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8758CBGEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8758CBGEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Production Data
WM8758B
w
PD, Rev 4.4, January 2012
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
GPIO control
5:4
JD_SEL
00
Pin selected as jack detection input
00 = GPIO1
01 = GPIO2
10 = GPIO3
11 = Reserved
6
JD_EN
0
Jack Detection Enable
0 = disabled
1 = enabled
8:7
JD_VMID
00
[7] VMID_EN_0
[8] VMID_EN_1
R13
3:0
JD_EN0
0000
Output enables when selected jack
detection input is logic 0.
0000 = OUT1_EN_0
0001 = OUT2_EN_0
0010 = OUT3_EN_0
0011 = OUT4_EN_0
0100-1111 = Reserved
7:4
JD_EN1
0000
Output enables when selected jack
detection input is logic 1
0000-0011 = Reserved
0100 = OUT1_EN_1
0101 = OUT2_EN_1
0110 = OUT3_EN_1
0111 = OUT4_EN_1
1000-1111 = Reserved
Table 51 Jack Detect Register Control Bits
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire control interface. The MODE pin
determines the 2 or 3 wire mode as shown in Table 52.
The WM8758B is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are register address bits that select which control
register is accessed. The remaining 9 bits (B8 to B0) are data bits, corresponding to the 9 data bits in
each control register.
MODE
INTERFACE FORMAT
Low
2 wire
High
3 wire
Table 52 Control Interface Mode Selection
3-WIRE SERIAL CONTROL MODE
In 3-wire mode, every rising edge of SCLK clocks in one data bit from the SDIN pin. A rising edge on
CSB/GPIO latches in a complete control word consisting of the last 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com