Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2377 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2377
Description  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2377 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2377 Datasheet HTML 2Page - NXP Semiconductors LPC2377 Datasheet HTML 3Page - NXP Semiconductors LPC2377 Datasheet HTML 4Page - NXP Semiconductors LPC2377 Datasheet HTML 5Page - NXP Semiconductors LPC2377 Datasheet HTML 6Page - NXP Semiconductors LPC2377 Datasheet HTML 7Page - NXP Semiconductors LPC2377 Datasheet HTML 8Page - NXP Semiconductors LPC2377 Datasheet HTML 9Page - NXP Semiconductors LPC2377 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
* SCT peripheral can be configured as additional timers and/or PWM channels. ** SGPIO peripheral can be configured as additional I2S, I2C, UART and/or SSP channels.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC23xx devices
LPC2388
512
98
6
6
1
1
4
3
2
3
1
8/10 b
1
•
104
•
•
72
3.3
F
LQFP144
LPC2378 with 98K SRAM and USB host/OTG/device
LPC2387
512
98
6
6
1
1
4
3
2
3
1
6
1
•
70
•
72
3.3
F
LQFP100
LPC2368 with 98K SRAM and USB host/OTG/device
LPC2378
512
58
6
6
1
1
4
3
2
3
1
8/10 b
1
•
104
•
•
72
3.3
F
LQFP144
On-chip 4 MHz RC-Osc, GP DMA, RTC w/ 2K batt. RAM USB 2.0 FS device w/ PHY, DMA and 4K RAM; UART
3 w/ IrDA; MiniBus (8-bit)
LPC2377
512
58
6
6
1
4
3
3
1
8/10 b
1
•
104
•
•
72
3.3
F
LQFP144
LPC2378 without USB or CAN
LPC2368
512
58
6
6
1
1
4
3
2
3
1
6/10 b
1
•
70
•
72
3.3
F
LQFP100, TFBGA100
100-pin version of LPC2378 with USB device, no external bus
LPC2367
512
58
6
6
1
4
3
3
1
6/10 b
1
•
70
•
72
3.3
F
LQFP100
LPC2368 without USB or CAN
LPC2366
256
58
6
6
1
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
256K Flash version of LPC2368 with USB device, no SD/MMC
LPC2365
256
58
6
6
1
4
3
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
LPC2366 without USB or CAN
LPC2364
128
34
6
6
1
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F,H
LQFP100 TFBGA100
128K Flash / 34K RAM version of LPC2368 with USB device, no SD/MMC
LPC2362
128
58
6
6
1
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
LPC2364 with USB host/OTG/device and more RAM
LPC2361
64
34
6
6
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
64K Flash, USB host/OTG/device and CAN controller
LPC2388
512
98
6
6
1
1
4
3
2
3
1
8/10 b
1
•
104
•
•
72
3.3
F
LQFP144
LPC2378 with 98K SRAM and USB host/OTG/device
LPC2387
512
98
6
6
1
1
4
3
2
3
1
6/10 b
1
•
70
•
72
3.3
F
LQFP100
LPC2368 with 98K SRAM and USB host/OTG/device
LPC2378
512
58
6
6
1
1
4
3
2
3
1
8/10 b
1
•
104
•
•
72
3.3
F
LQFP144
On-chip 4 MHz RC-Osc, GP DMA, RTC w/ 2K batt. RAM USB 2.0 FS device w/ PHY, DMA and 4K RAM; UART
3 w/ IrDA; MiniBus (8-bit)
LPC2377
512
58
6
6
1
4
3
3
1
8/10 b
1
•
104
•
•
72
3.3
F
LQFP144
LPC2378 without USB or CAN
LPC23xx devices
LPC2368
512
58
6
6
1
1
4
3
2
3
1
6/10 b
1
•
70
•
72
3.3
F
LQFP100, TFBGA100
100-pin version of LPC2378 with USB device, no external bus
LPC2367
512
58
6
6
1
4
3
3
1
6/10 b
1
•
70
•
72
3.3
F
LQFP100
LPC2368 without USB or CAN
LPC2366
256
58
6
6
1
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
256K Flash version of LPC2368 with USB device, no SD/MMC
LPC2365
256
58
6
6
1
4
3
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
LPC2366 without USB or CAN
LPC2364
128
34
6
6
1
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F,H
LQFP100 TFBGA100
128K Flash / 34K RAM version of LPC2368 with USB device, no SD/MMC
LPC2362
128
58
6
6
1
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
LPC2364 with USB host/OTG/device and more RAM
LPC2361
64
34
6
6
1
4
3
2
3
1
6/10 b
1
70
•
72
3.3
F
LQFP100
64K Flash, USB host/OTG/device and CAN controller
LPC ConnectPlus Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com