Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8761CGED/R Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8761CGED/R
Description  24-bit 192kHz Stereo DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8761CGED/R Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8761CGED/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8761CGED/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
WM8761
Production Data
w
PD, Rev 4.6, October 2011
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
LRCIN
Digital input
Sample rate clock input
2
DIN
Digital input
Serial audio data input
3
BCKIN
Digital input
Bit clock input
4
NC
No connect
No internal connection
5
CAP
Analogue output
Analogue internal reference
6
VOUTR
Analogue output
Right channel DAC output
7
GND
Supply
Negative supply
8
VDD
Supply
Positive supply
9
VOUTL
Analogue output
Left channel DAC output
10
MUTE
Digital input
Soft mute control, Internal pull down
High Impedance = Automute
High = Mute ON
Low = Mute OFF
11
NC
No connect
No internal connection
12
DEEMPH
Digital input
De-emphasis select, Internal pull up
High = de-emphasis ON
Low = de-emphasis OFF
13
FORMAT
Digital input
Data input format select, Internal pull up
Low = 24-bit right justified or DSP ‘late’
High = 16-24-bit I
2S or DSP ‘early’
14
MCLK
Digital input
Master clock input
Note:
1.
Digital input pins have Schmitt trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com