Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768GEDS/V Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8768GEDS/V
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768GEDS/V Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8768GEDS/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8768GEDS/V Datasheet HTML 38Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.3 July 2010
36
SUGGESTED ANALOGUE LOW PASS POST DAC FILTERS
It is recommended that a lowpass filter be applied to the output from each DAC channel for Hi Fi
applications. Typically a second order filter is suitable and provides sufficient attenuation of high
frequency components (the unique low order, high bit count multi-bit sigma delta DAC structure used
in WM8768 produces much less high frequency output noise than normal sigma delta DACs. This
filter is typically also used to provide the 2x gain needed to provide the standard 2Vrms output level
from most consumer equipment. Figure 32 shows a suitable post DAC filter circuit, with 2x gain.
Alternative inverting filter architectures might also be used with as good results.
7.5k
Ω
1.8k
Ω
10uF
1.0nF
47k
Ω
4.7k
Ω
680pF
4.7k
Ω
51
OP_FIL
VOUT1L
OP_FIL
VOUT1R
OP_FIL
VOUT2R
OP_FIL
VOUT2L
OP_FIL
VOUT3L
OP_FIL
VOUT3R
OP_FIL
VOUT4L
OP_FIL
VOUT4R
Figure 32 Recommended Post DAC Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com