Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5050A-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH5050A-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5050A-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH5050A-E Datasheet HTML 17Page - STMicroelectronics VNH5050A-E Datasheet HTML 18Page - STMicroelectronics VNH5050A-E Datasheet HTML 19Page - STMicroelectronics VNH5050A-E Datasheet HTML 20Page - STMicroelectronics VNH5050A-E Datasheet HTML 21Page - STMicroelectronics VNH5050A-E Datasheet HTML 22Page - STMicroelectronics VNH5050A-E Datasheet HTML 23Page - STMicroelectronics VNH5050A-E Datasheet HTML 24Page - STMicroelectronics VNH5050A-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VNH5050A-E
Application information
Doc ID 16009 Rev 10
21/33
3
Application information
In normal operating conditions the DIAGX/ENX pin is considered as an input pin by the
device. This pin must be externally pulled high.
PWM pin usage: In all cases, a “0” on the PWM pin turns off both LSA and LSB switches.
When PWM rises back to “1”, LSA or LSB turn on again depending on the input pin state.
Figure 11.
Typical application circuit for DC to 20 kHz PWM operation short circuit
protection
Note:
The value of the blocking capacitor (C) depends on the application conditions and defines
voltage and current ripple on supply line at PWM operation. Stored energy of the motor
inductance may fly back into the blocking capacitor, if the bridge driver goes into 3-state.
This causes a hazardous overvoltage if the capacitor is not big enough. As basic orientation,
500µF per 10A load current is recommended.
In case of a fault condition the DIAGX/ENX pin is considered as an output pin by the device.
The fault conditions are:
–
Overtemperature on one or both high-sides
–
Short to battery condition on the output (over current detection on the low-side
Power MOSFET)
Possible origins of fault conditions may be:
OUTA is shorted to ground → overtemperature detection on high-side A
OUTA is shorted to VCC
→ low-side Power MOSFET over current detection
When a fault condition is detected, the user can identify which power element is in fault by
monitoring the INA, INB, DIAGA/ENA and DIAGB/ENB pins.
M
μC
Reg 5V
+ 5V
HSA
HSB
LSA
LSB
VCC
DIAGA/ENA
CS
INA
PWM
OUTA
OUTB
D
S
G
b) N MOSFET
3.3K
1K
1K
1K
10K
33nF
1.5K
VCC
100K
DIAGB/ENB
+5V
1K
3.3K
INB
1K
GNDA
GNDB
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com