Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8860GEFL/RV Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8860GEFL/RV
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860GEFL/RV Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8860GEFL/RV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 88Page - Wolfson Microelectronics plc WM8860GEFL/RV Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
85
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
Supported Stream Formats Parameter (PID = 0Bh)
Bit
Bitfield Name
RW
Default
Description
[31:3]
Rsvd
R
00000000h
Reserved
[2]
AC3
R
0
MIC1 does not support Dolby AC3 formatted data
[1]
Float32
R
1
MIC1 supports Float32 formatted data
[0]
PCM
R
1
MIC1 supports PCM formatted data
Connection List Length Parameter (PID = 0Eh)
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Long Form
R
0
Indicates that the connection list items are in short form
[6:0]
Connection List
Length
R
01h
Indicates that there is 1 NID entry in the connection list
Supported Power States Parameter (PID = 0Fh)
Bit
Bitfield Name
RW
Default
Description
[31:4]
Rsvd
R
0000000h
Reserved
[3]
D3Sup
R
1
D3 power state supported
[2]
D2Sup
R
1
D2 power state supported
[1]
D1sup
R
1
D1 power state supported
[0]
D0Sup
R
1
D0 power state supported
Processing Capabilities Parameter (PID = 10h)
Bit
Bitfield Name
RW
Default
Description
[31:16]
Rsvd
R
0000h
Reserved
[15:8]
NumCoeff
R
00h
This widget does not support loadable coefficients
[7:1]
Rsvd
R
00h
Reserved
[0]
Benign
R
0
The “Processing Benign State” is not supported
GET CONNECTION LIST ENTRY VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F02h
00h
Bits [31:0] in the table below
Bit
Bitfield Name
RW
Default
Description
[31:24]
Conn List Entry 3
R
00h
Unused connection list entry
[23:16]
Conn List Entry 2
R
00h
Unused connection list entry
[15:8]
Conn List Entry 1
R
00h
Unused connection list entry
[7:0]
Conn List Entry 0
R
09h
Indicates that the MIC1 Widget connects to the MIC1 Mux Widget (NID =
09h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com