Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX082AL Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX082AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX082AL Datasheet(HTML) 5 Page - Sony Corporation

  ICX082AL Datasheet HTML 1Page - Sony Corporation ICX082AL Datasheet HTML 2Page - Sony Corporation ICX082AL Datasheet HTML 3Page - Sony Corporation ICX082AL Datasheet HTML 4Page - Sony Corporation ICX082AL Datasheet HTML 5Page - Sony Corporation ICX082AL Datasheet HTML 6Page - Sony Corporation ICX082AL Datasheet HTML 7Page - Sony Corporation ICX082AL Datasheet HTML 8Page - Sony Corporation ICX082AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
ICX082AL
Item
VVT
VVH1, VVH2,
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
| VVH1 – VVH2 |
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
V
φRG
VRGL
V
φSUB
14.5
–0.6
8.9
–0.5
–0.5
6.0
–3.5
6.0
0
27.0
15.0
–9.6
15.5
0
0.2
0
0
0.8
1.0
0.8
0.8
8.0
–3.0
13.0
3.0
32.0
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
1
2
2
2
2
2
2
2
2
2
2
3
3
3
3
4
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
∗1
Readout clock voltage
Vertical transfer clock
voltage
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
Clock Voltage Conditions
∗1 The reset gate clock voltage need not be adjusted when the reset gate clock is driven when the
specifications are as given below. In this case, the reset gate clock voltage setting indicated on the back of
the image sensor has not significance.
Reset gate clock
voltage
Item
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
VRGL
V
φRG
–0.2
8.5
0
9.0
0.2
9.5
V
V
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com