Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7220 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM7220
Description  Top Port Digital Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM7220 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM7220 Datasheet HTML 1Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 2Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 3Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 4Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 5Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 6Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 7Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 8Page - Wolfson Microelectronics plc WM7220 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
w
WM7220, WM7220E
Top Port Digital Silicon Microphone
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Preliminary Technical Data, December 2011, Rev 2.3
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM7220 is a low-profile silicon digital microphone. It
offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7220
incorporates
Wolfson’s
proprietary
CMOS/MEMS
membrane
technology,
offering
high
reliability and high performance in a miniature, low-profile
package. The WM7220 is designed to withstand the high
temperatures associated with automated flow solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7220 incorporates a high performance ADC,
which outputs a single-bit Pulse Density Modulated (PDM)
audio data stream. The WM7220 supports selectable
left/right channel assignment for a two-channel digital
microphone interface, enabling efficient connection of
multiple microphones in stereo/array configurations.
The WM7220E variant offers a tighter tolerance on the
microphone sensitivity, giving reduced variation between
parts. This removes the need for in-line production
calibration of part-to-part microphone variations.
FEATURES
High SNR; selectable sensitivity tolerance options
-
WM7220 – SNR 58dB, Sensitivity +/- 3dB
-
WM7220E – SNR 58dB, Sensitivity +/- 1dB
Low power
-
Sleep mode - 2μA
-
Normal operation - 650μA
Low profile packaging
Support for automated flow solder assembly
PDM digital audio output
Stereo/array operation
Proprietary ADC technology
-
Reduced clock jitter sensitivity
-
Low noise floor modulation
-
Stable in overload condition
Top port package
1.64V to 3.7V supply
4.72 x 3.76 x 1.22mm thin package design
APPLICATIONS
Mobile telephone handsets
Portable computers
Portable media players
Digital still cameras
Digital video cameras
Bluetooth headsets
Portable navigation devices
BLOCK DIAGRAM


Similar Part No. - WM7220

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
WM72016 RAMTRON-WM72016 Datasheet
448Kb / 32P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
WM72016-6 CYPRESS-WM72016-6 Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
WM72016-6-DGTR RAMTRON-WM72016-6-DGTR Datasheet
448Kb / 32P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Cypress Semiconductor
WM72016-6-DGTR CYPRESS-WM72016-6-DGTR Datasheet
772Kb / 33P
16Kbit Secure F-RAM Memory with Gen-2 RFID Access & Serial Port Direct Memory Access
logo
Ramtron International C...
WM72016-6-EVAL-915-ANT RAMTRON-WM72016-6-EVAL-915-ANT Datasheet
128Kb / 2P
Evaluation Board for 16Kbit Wireless Memory with Serial Port
More results

Similar Description - WM7220

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
Top Port Digital Silicon Microphone
WM7230 WOLFSON-WM7230 Datasheet
320Kb / 12P
Bottom Port Digital Silicon Microphone
WM7211 WOLFSON-WM7211 Datasheet
305Kb / 14P
Top Port Digital Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121 CIRRUS-WM7121 Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
WM7216 CIRRUS-WM7216 Datasheet
739Kb / 14P
Low Power Top Port Digital Silicon Microphone
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
WM7216E CIRRUS-WM7216E Datasheet
739Kb / 14P
Low Power Top Port Digital Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com